Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA96CE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA96CE
Description  Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA96CE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA96CE Datasheet HTML 1Page - List of Unclassifed Manufacturers PA96CE Datasheet HTML 2Page - List of Unclassifed Manufacturers PA96CE Datasheet HTML 3Page - List of Unclassifed Manufacturers PA96CE Datasheet HTML 4Page - List of Unclassifed Manufacturers PA96CE Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PA96
PA96U
1
PA96
FEATURES
•HIGHVOLTAGE-300VOLTS
•HIGHOUTPUTCURRENT–1.5AMPS
•70WATTDISSIPATIONCAPABILITY
•175MHzGAINBANDWIDTH
•250V/µ-SECONDSLEWRATE
APPLICATIONS
•PZTDRIVE
•MAGNETICDEFLECTION
•PROGRAMMABLEPOWERSUPPLIES
•70VLINEAUDIOto70W
DESCRIPTION
The PA96 is a state of the art high voltage, high current
operational amplifier designed to drive resistive, capacitive
and inductive loads. For optimum linearity, the output stage
is biased for class A/B operation. External compensation
provides user flexibility in maximizing bandwidth at any gain
setting. The safe operating area (SOA) can be observed for
all operating conditions by selection of user programmable
current limit. For continuous operation under load, a heatsink
of proper rating is required.
The hybrid integrated circuit utilizes thick film (cermet)
resistors, ceramic capacitors and semiconductor chips to
maximize reliability, minimize size and give top performance.
Ultrasonically bonded aluminum wires provide reliable inter-
connections at all operating temperatures. The 8-pin TO-3
package is hermetically sealed and electrically isolated. The
use of compressible isolation washers voids the warranty.
EQUIVALENTCIRCUITDIAGRAM
TYPICALAPPLICATION
PZT POSITION CONTROL
The MOSFET output stage of the PA96 provides superior
SOA performance compared to bipolar output stages where
secondary breakdown is a concern. The extended SOA is
ideal in applications where the load is highly reactive and
may impose simultaneously both high voltage and high cur-
rent across the output stage transistors. In the figure above
a piezo-electric transducer is driven to high currents and high
voltages by the PA96.
EXTERNALCONNECTIONS
C
L
+V
S
+IN
–IN
–V
S
COMP
COMP
OUT
TOP VIEW
R
CL
1
2
3
4
5
6
7
8
C
C
+275V
-15V
PA96
_
+
-
+
C
C
R
CL
R
I
R
F
3
5
4
6
8
7
1
2
+Vs
COMP
COMP
-Vs
+IN
-IN
OUT
CL
8-PINTO-3
PACKAGESTYLECE
Power Operational Amplifier
PA96
Copyright © Apex Microtechnology, Inc. 2012
(All Rights Reserved)
www.apexanalog.com
OCT 2012
PA96U REVH


Similar Part No. - PA96CE

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA96 APEX-PA96 Datasheet
270Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA96 APEX-PA96 Datasheet
279Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
logo
Sames
PA9605AP SAMES-PA9605AP Datasheet
59Kb / 6P
THREE PHASE POWER/ENERGY METERING INTERFACE ADAPTOR
logo
Greenlee Communications
PA9611 GREENLEE-PA9611 Datasheet
63Kb / 1P
CONN RG6 WATERPROOF CATV F SealTite® Cable TV F Compression Connectors
More results

Similar Description - PA96CE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com