Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL5020 Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # SL5020
Description  LOW VOLTAGE COMPANDER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

SL5020 Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  SL5020 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SL5020
3/7
PIN VOLTAGE and DESCRIPTION
Pin NO
Sy mbol
Vo ltage
Description
1
V REF
1.3
Bandgap Voltage
2
EXP.MUTE
1.4
Expander mu te adjust
3
EXP.FILTER
0~0.6
Expander Filter. Conne c t t o an ext e rnal c a pac itor t o filt er
the ful l wave rect ifi er ’s output . This c apacitor affects
attack & delay times, as well as low frequency accuracy.
4
EXP.OUTPUT
1.5
Output of the expander amplifier.
5
EXP. INPUT
1.5
Expan d er i npu t. Nomi nally sig n a l range is 3.16m Vr m s to
260mVr ms . Must be capacitor coupled to the signal source
6
V B
2.2
An in ternal reference volt age. T h is is an AC gro und , a n d
m u st
be
well
filtered
t o
obt ain
high
power
supply
rejection and low crosstalk.
7
GND
GND
Ground
8
COM.FEEDBACK
1.5
Input to the comp resso r Variable gain stage and rectifier.
9
COM.CF
1.5
Normally, this is c o nnecte d to t h e c o mp ressor ’s output
through filtered DC feedback path.
10
COM.INPUT
1.5
Co mp ressor input , Normally, Signal rang e is 100
µVrms
to 1. 0Vrm s. Must be capa citor couple d t o the signal
source.
11
COM.OUTPUT
1.5
Output of the comp ressor amplifier.
12
COM.FILTER
0~0.6
Co mp ressor filter. C o nnec t t o a n e x terna l capacit o r to
filter the full wave rectifier ’s out put. This capa c it or
affects attack & decay times, and low frequency accuracy
13
COM.MUTE
1.4
Comp ressor mu te adjust.
14
Vcc
3
Power supply pin. C onne ct to power sup p ly provid i ng
between 1.8 and 5.0V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com