Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC6660 Datasheet(PDF) 2 Page - Impala Linear Corporation

Part # ILC6660
Description  CMOS MONOLITHIC VOLTAGE CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC6660 Datasheet(HTML) 2 Page - Impala Linear Corporation

  ILC6660 Datasheet HTML 1Page - Impala Linear Corporation ILC6660 Datasheet HTML 2Page - Impala Linear Corporation ILC6660 Datasheet HTML 3Page - Impala Linear Corporation ILC6660 Datasheet HTML 4Page - Impala Linear Corporation ILC6660 Datasheet HTML 5Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CMOS Monolithic Voltage Converter
Impala Linear Corporation
2
(408) 574-3939
www.impalalinear.com
May 2000
ILC6660 1.8
Advance
1
2
3
4
8
7
6
5
FC
CAP+
VSS
CAP-
VSH
LV
SYNC
V+
SOIC
ILC6660
Pin-Package Configurations
Pin Functions ILC6660
Pin
Number
Pin
Name
Inverter
Splitter
Doubler
1
FC
Frequency Control for Internal Oscillator,
FC open, fOSC =5kHz typ; FC = V+, fOSC=
50kHz typ.
FC has no effect when SYNC pin is driven
externally.
Same as Inverter
Same as Inverter
2
CAP+
Charge-Pump Capacitor, Positive Terminal
Same as Inverter
Same as Inverter
3
VSS
Power-Supply Ground Input
Power-Supply
PositiveVoltage Output
Power-Supply
Positive Voltage Input
4
CAP-
Charge-Pump Capacitor, Negative Terminal
Same as Inverter
Same as Inverter
5
VSH
Output, Negative Voltage
Power-Supply Ground
Input
Power-Supply Ground
Input
6
LV
Low-Voltage Operation Input. Tie LV to VSS
when input voltage is less than 2V. Above
2V, LV must be left open.
LV must be left open for
all input voltages
LV must be left open
for all input voltages.
7
SYNC
Oscillator Control Input. SYNC is connected
to an internal 15pF capacitor. An external
Oscillator may be connected to overdrive
SYNC via a 2…5nF capacitor.
SYNC shall not be connected to ground.
Same as inverter,
however, do not use
SYNC in voltage-
splitting mode
Same as inverter,
however, do not use
SYNC in voltage-
doubling mode.
8
V+
Power-Supply Positive Voltage Input
Positive Voltage Input
Positive Voltage
Output



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com