Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC7010 Datasheet(PDF) 3 Page - Impala Linear Corporation

Part # ILC7010
Description  80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7010 Datasheet(HTML) 3 Page - Impala Linear Corporation

  ILC7010 Datasheet HTML 1Page - Impala Linear Corporation ILC7010 Datasheet HTML 2Page - Impala Linear Corporation ILC7010 Datasheet HTML 3Page - Impala Linear Corporation ILC7010 Datasheet HTML 4Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
80mA SC70 Ultra Low Noise CMOS RF-LDO™ Regulator
Impala Linear Corporation
3
(408) 574-3939
www.impalalinear.com
August 2000
ILC7010 1.3
Preliminary
Symbol
VIN
∆V
OUT/(VOUT*∆VIN)
VIN VOUT
IGND
ION/OFF
VON/OFF
IIN ON/OFF
IIN (peak)
eN
∆V
OUT/∆VIN
∆V
OUT (line)
∆V
OUT(load)
ISC
Unless otherwise specified, all limits are at T
A=25°C, VIN = VOUT(NOM) + 1v, IOUT = 1mA, COUT = 1µF, VON
/OFF = 2V
Note 1: Absolute maximum ratings indicate limits which when exceeded may result in damage to the component. Electrical specifications do not apply when operating the
device outside of its rated operating conditions.
Note 2: Specified Min/Max limits are production tested or guaranteed through correlation based on statistical control methods. Measurements are taken at constant junction
temperature as close to ambient as possible using low duty pulse testing.
Note 3: Dropout voltage is defined as the input to output differential voltage at which the output voltage drops 2% below the nominal value measured with a 1V differential.
Note 4: Guaranteed by design
Note 5: The device’s shutdown pin includes a 2M
Ω internal pull down resistor connected to ground.
Parameter
Input Voltage Range
Output Voltage Accuracy
Line Regulation
Dropout Voltage (Note 3)
Ground Pin Current
Shutdown (OFF) Current
ON/OFF Input Voltage
ON/OFF Pin Input Current
(Note 5)
Peak Output Current
(Note 4)
Output Noise Voltage
(RMS)
Ripple Rejection
Dynamic Line Regulation
Dynamic Load Regulation
Short Circuit Current
Resistance Shutdown
Discharge
Conditions
VOUT (NOM +1V < 8V)
IOUT = 10µA
IOUT = 10mA
IOUT = 20mA
IOUT = 80mA
IOUT = 0mA
IOUT = 10mA
IOUT = 80mA
ION/OFF = 0V
High = Regulator On
Low = Regulator Off
VON/OFF 0.6V Regulator OFF
VON/OFF 2V Regulator ON
VOUT > 0.95VOUT (NOM), tpw = 2ms
BW = 300Hz to 50kHz, CIN = 1µF
CNOISE = 0.01µF, COUT = 2.2µF,
IOUT = 10mA
COUT = 4.7µF
IOUT = 100mA
VIN: VOUT (NOM) + 1V to VOUT
(NOM) + 2V, tr/tf = 2µs; IOUT = 80mA
IOUT: 1mA to 80mA; tr < 5mS
VOUT = 0V
Typ
2.5-8
±1
0.007
0.1
50
70
235
66
67
90
0.1
1.5-2.0
0.6
0.3
1
100-120
TBD
70
50
65
14
40
200
1.5
Freq = 1kHz
Freq = 10kHz
Freq = 1MHz
Units
V
%
%/V
mV
µA
µA
V
µA
mA
µVRMS
dB
mV
mV
mA
k
Ω
ELECTRICAL CHARACTERISTICS ILC7010



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com