Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP708EPA Datasheet(PDF) 8 Page - IMP, Inc

Part # IMP708EPA
Description  LOW-POWER 關P SUPERVISOR CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP708EPA Datasheet(HTML) 8 Page - IMP, Inc

  IMP708EPA Datasheet HTML 1Page - IMP, Inc IMP708EPA Datasheet HTML 2Page - IMP, Inc IMP708EPA Datasheet HTML 3Page - IMP, Inc IMP708EPA Datasheet HTML 4Page - IMP, Inc IMP708EPA Datasheet HTML 5Page - IMP, Inc IMP708EPA Datasheet HTML 6Page - IMP, Inc IMP708EPA Datasheet HTML 7Page - IMP, Inc IMP708EPA Datasheet HTML 8Page - IMP, Inc IMP708EPA Datasheet HTML 9Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IMP705/6/7/8, 8
IMP705/6/7/8, 8113L
3L
8
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
E
E1
D1
D
eA
eB
C
0
°–15°
A
e
b2
b
A2
L A1
Plastic DIP (8-Pin)a.eps
Plastic DIP (8-Pin)*
L
0
°– 8°
C
H
E
e
D
B
A1
A
SO (8-Pin).eps
Inches
Millimeters
Min
Max
Min
Max
Plastic DIP (8-Pin)
A
–––––
0.210
––––
5.33
A1
0.015
–––––
0.38
–––––
A2
0.115
0.195
2.92
4.95
b
0.014
0.022
0.36
0.56
b2
0.045
0.070
1.14
1.78
b3
0.030
0.045
0.80
1.14
D
0.355
0.400
9.02
10.16
D1
0.005
–––––
0.13
–––––
E
0.300
0.325
7.62
8.26
E1
0.240
0.280
6.10
7.11
e
0.100
–––––
2.54
eA
0.300
–––––
7.62
eB
–––––
0.430
–––––
10.92
eC
–––––
0.060
L
0.115
0.150
2.92
3.81
MicroSO (8-Pin)
A
–––––
0.0433
––––
1.10
A1
0.0020
0.0059
0.050
0.15
A2
0.0295
0.0374
0.75
0.95
b
0.0098
0.0157
0.25
0.40
C
0.0051
0.0091
0.13
0.23
D
0.1142
0.1220
2.90
3.10
e
0.0256 BSC
0.65 BSC
E
0.193 BSC
4.90 BSC
E1
0.1142
0.1220
2.90
3.10
L
0.0157
0.0276
0.40
0.70
a0°
6°
0°
6°
SO (8-Pin)
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.10
0.25
B
0.013
0.020
0.33
0.51
C
0.007
0.010
0.19
0.25
e
0.050
1.27
E
0.150
0.157
3.80
4.00
H
0.228
0.244
5.80
6.20
L
0.016
0.050
0.40
1.27
D
0.189
0.197
4.80
5.00
SO (8-Pin)***
MicroSO (8-Pin)**
e
b
D
E1 E
a
L
C
0.10mm
0.004in
A1
A2
A
MicroSO (8-Pin).eps
* JEDEC Drawing MS-001BA
** JEDEC Drawing MO-187AA
*** JEDEC Drawing MS-012AA
Package Dimensions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com