Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC7011 Datasheet(PDF) 2 Page - Impala Linear Corporation

Part # ILC7011
Description  80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7011 Datasheet(HTML) 2 Page - Impala Linear Corporation

  ILC7011 Datasheet HTML 1Page - Impala Linear Corporation ILC7011 Datasheet HTML 2Page - Impala Linear Corporation ILC7011 Datasheet HTML 3Page - Impala Linear Corporation ILC7011 Datasheet HTML 4Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
80mA SC 70 Ultra Low Noise CMOS RF-LDO™ Regulator
Impala Linear Corporation
2
(408) 574-3939
www.impalalinear.com
August 2000
ILC7011 1.4
Preliminary
5
ILC7011
V
IN
V
OUT
4
12
3
C
NOISE
ON
OFF
GND
Pin Number
4
5
2
1
2
Pin Name
ON/OFF
CNOISE
GND
VOUT
VIN
Pin Description
By applying less than 0.4V to this pin the device will be turned off
Noise Bypass Capacitor
Ground pin. Local ground for COUT
Output voltage. Connect COUT between this pin and the GND (pin 3)
Connect Directly to Supply
Pin Description ILC7011 (fixed voltage version)
Parameter
Input Voltage 7011
ON/OFF Input Voltage
Output Current
Output Voltage
Package Power Dissipation
Maximum Juncion Temp. Range
Storage Temperature
Operation Ambient Temperature
Symbol
VIN
VON/OFF
IOUT
VOUT
PD
TJ(MAX)
TSTG
TSTG
Ratings
-0.3 to +9V
-0.3 to VIN
Short Circuit Protected
-0.3 to VIN +0.3
TBD
-40 to +125
-40 to +125
-40 to +125
Units
V
V
mA
V
mW
°C
°C
°C
Pin Package Configurations



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com