Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC7080 Datasheet(PDF) 6 Page - Impala Linear Corporation

Part # ILC7080
Description  50/100M SOT-23 CMOS RF LDO REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7080 Datasheet(HTML) 6 Page - Impala Linear Corporation

Back Button ILC7080 Datasheet HTML 2Page - Impala Linear Corporation ILC7080 Datasheet HTML 3Page - Impala Linear Corporation ILC7080 Datasheet HTML 4Page - Impala Linear Corporation ILC7080 Datasheet HTML 5Page - Impala Linear Corporation ILC7080 Datasheet HTML 6Page - Impala Linear Corporation ILC7080 Datasheet HTML 7Page - Impala Linear Corporation ILC7080 Datasheet HTML 8Page - Impala Linear Corporation ILC7080 Datasheet HTML 9Page - Impala Linear Corporation ILC7080 Datasheet HTML 10Page - Impala Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
50/100mA SOT-23 CMOS RF LDO™ Regulators
Impala Linear Corporation
6
(408) 574-3939
www.impalalinear.com
Sept. 1998
ILC7080/81 1.1
ON/OFF
GND
V
OUT
V
IN
C
NOISE
FEEDBACK
BANDGAP
REFERENCE
V
REF
ERROR
AMPLIFIER
TRANS-
CONDUCTANCE
AMPLIFIER
INTERNAL V
DD
Figure 2: ILC7080/81 RF LDO regulator block digram
Shutdown (ON/OFF) Operation
The ILC7080/81 output can be turned off by applying 0.4V
or less to the device’s ON/OFF pin (pin 3). In shutdown
mode, the ILC7080/81 draws less than 1mA quiescent cur-
rent. The output of the ILC7081 is enabled by applying 2V
to 13V at the ON/OFF pin. In applications where the
ILC7080/81 output will always remain enabled, the ON/OFF
pin may be connected to VIN (pin 1). The ILC7080/81’s
shutdown circuitry includes hysteresis, as such the device
will operate properly even if a slow moving signal is applied
to the ON/OFF pin. The device’s shutdown pin includes a
2M
Ω internal pull down resistor connected to ground.
Short Circuit Protection
The ILC7080/81 output can withstand momentary short cir-
cuit to ground. Moreover, the regulator can deliver very high
output peak current due to its 1A instantaneous short circuit
current capability.
Thermal Protection
The ILC7080/81 also includes a thermal protection circuit
which shuts down the regulator when die temperature
exceeds 170°C due to overheating. In thermal shutdown,
once the die temperature cools to below 160°C, the regula-
tor is enabled. If the die temperature is excessive due to
high package power dissipation, the regulator’s thermal cir-
cuit will continue to pulse the regulator on and off. This is
called thermal cycling.
Excessively high die temperature may occur due to high dif-
ferential voltage across the regulator or high load current or
high ambient temperature or a combination of all three.
Thermal protection protects the regulator from such fault
conditions and is a necessary requirement in today’s
designs. In normal operation, the die temperature should be
limited to under 150°C.
Adjustable Output Voltage
Figure 3 shows how an adjustable output voltage can be
easily achieved using ILC7080/81-ADJ. The output voltage,
VOUT is given by the following equation:
VOUT = 1.24V x (R1/R2 + 1)
For best results, a resistor value of 470k
Ω or less may be
used for R2. The output voltage can be programmed from
2.5V to 12V.
Note: An external capacitor should not be connected to the
adjustable feedback pin (pin 4). Connecting an external capacitor
to pin 4 may cause regulator instability and lead to oscillations.
ILC7080-ADJ
ILC7081-ADJ
V
OUT
V
IN
C
OUT
SOT23-5
C
IN
R1
R2
ON
OFF
12
3
4
5
V
ADJ
Figure 3: Application circuit for adjustable output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com