Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP708SCSA Datasheet(PDF) 8 Page - IMP, Inc

Part # IMP708SCSA
Description  3/3.3/4.0V 關P SUPERVISOR CIRCUITS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP708SCSA Datasheet(HTML) 8 Page - IMP, Inc

  IMP708SCSA Datasheet HTML 1Page - IMP, Inc IMP708SCSA Datasheet HTML 2Page - IMP, Inc IMP708SCSA Datasheet HTML 3Page - IMP, Inc IMP708SCSA Datasheet HTML 4Page - IMP, Inc IMP708SCSA Datasheet HTML 5Page - IMP, Inc IMP708SCSA Datasheet HTML 6Page - IMP, Inc IMP708SCSA Datasheet HTML 7Page - IMP, Inc IMP708SCSA Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IMP706P/R/S/T/J, IMP708R/S/T/J
IMP706P/R/S/T/J, IMP708R/S/T/J
IMP, Inc.
Corporate Headquarters
2830 N. First Street
San Jose, CA 95134-2071
Tel: 408-432-9100
Tel: 800-438-3722
Fax: 408-434-0335
e-mail: info@impinc.com
http://www.impweb.com
The IMP logo is a registered trademark of IMP, Inc.
All other company and product names are trademarks of their respective owners.
© 1999 IMP, Inc.
Printed in USA
Publication #: 1020
Revision:
B
Issue Date:
12/15/99
Type:
Preliminary
E
E1
D1
D
eA
eB
C
0
°–15°
A
e
b2
b
A2
L A1
Plastic DIP (8-Pin)a.eps
Plastic DIP (8-Pin)
L
0
°– 8°
C
H
E
e
D
B
A1
A
SO (8-Pin).eps
SO (8-Pin)
s
e
h
c
n
Is
r
e
t
e
m
i
ll
i
M
n
i
Mx
a
Mn
i
Mx
a
M
*
*
)
n
i
P
-
8
(
O
S
A3
5
0
.
09
6
0
.
05
3
.
15
7
.
1
1
A4
0
0
.
00
1
0
.
00
1
.
05
2
.
0
B3
1
0
.
00
2
0
.
03
3
.
01
5
.
0
C7
0
0
.
00
1
0
.
09
1
.
05
2
.
0
e0
5
0
.
07
2
.
1
E0
5
1
.
07
5
1
.
00
8
.
30
0
.
4
H8
2
2
.
04
4
2
.
00
8
.
50
2
.
6
L6
1
0
.
00
5
0
.
00
4
.
07
2
.
1
D9
8
1
.
07
9
1
.
00
8
.
40
0
.
2
*
*
*
)
n
i
P
-
8
(
P
I
D
c
i
t
s
a
l
P
A
–
–
–
–
–
0
1
2
.
0
–
–
–
–
3
3
.
5
1
A5
1
0
.
0
–
–
–
–
–
8
3
.
0
–
–
–
–
–
2
A5
1
1
.
05
9
1
.
02
9
.
25
9
.
4
b4
1
0
.
02
2
0
.
06
3
.
06
5
.
0
2
b5
4
0
.
00
7
0
.
04
1
.
18
7
.
1
3
b0
3
0
.
05
4
0
.
00
8
.
04
1
.
1
D5
5
3
.
00
0
4
.
02
0
.
96
1
.
0
1
1
D5
0
0
.
0
–
–
–
–
–
3
1
.
0
–
–
–
–
–
E0
0
3
.
05
2
3
.
02
6
.
76
2
.
8
1
E0
4
2
.
00
8
2
.
00
1
.
61
1
.
7
e0
0
1
.
0
–
–
–
–
–
4
5
.
2
A
e0
0
3
.
0
–
–
–
–
–
2
6
.
7
B
e
–
–
–
–
–
0
3
4
.
0
–
–
–
–
–
2
9
.
0
1
C
e
–
–
–
–
–
0
6
0
.
0
L5
1
1
.
00
5
1
.
02
9
.
21
8
.
3
3
t
a
.
b
2
0
t
_
P
6
0
7
** JEDEC Drawing MS-112AA
*** JEDEC Drawing MS-001BA
Package Dimensions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com