Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2994 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS2994
Description  GS2994 Adaptive Cable Equalizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2994 Datasheet(HTML) 2 Page - Semtech Corporation

  GS2994 Datasheet HTML 1Page - Semtech Corporation GS2994 Datasheet HTML 2Page - Semtech Corporation GS2994 Datasheet HTML 3Page - Semtech Corporation GS2994 Datasheet HTML 4Page - Semtech Corporation GS2994 Datasheet HTML 5Page - Semtech Corporation GS2994 Datasheet HTML 6Page - Semtech Corporation GS2994 Datasheet HTML 7Page - Semtech Corporation GS2994 Datasheet HTML 8Page - Semtech Corporation GS2994 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
GS2994 GS2994 Adaptive Cable Equalizer
Data Sheet
53967 - 4
August 2012
2 of 20
GS2994 Functional Block Diagram
Revision History
Version
ECR
PCN
Date
Changes and/or Modifications
4
158405
–
August 2012
Updates in GS2994 Pin Descriptions, Table 2-1:
DC Electrical Characteristics, and
Input/Output Circuits.
3
157635
–
February
2012
Added pull-down resistor to Figure 3-4.
Updated the descriptions for the BYPASS and
SLEEP pins in Table 1-1. Clarification to
column headings in Table 4-1.
2
157164
–
November
2011
Updated the descriptions for the GAIN_SEL
and SQ_ADJ pins in Table 1-1 to indicate that
they have internal pull-down resistors.
1
155124
–
October
2010
Converted to Data Sheet. Increased cable
length to 220m at 1.485Gb/s.
0
154492
–
June 2010
Converted to Preliminary Data Sheet.
Updated the power and current consumption
values in Table 2-1: DC Electrical
Characteristics.
B
153758
–
March 2010
Removed the 470nF capacitor (between AGC
and GND) from Figure 5-1: GS2994 Typical
Application Circuit.
A
153233
–
January 2010
New document.
Equalizer
Output
AGC
SDI
SLEEP
SDO
BYPASS
CD
SDI
SDO
AGC
AGC
SQ_ADJ
Squelch Adjust
Carrier Detect
Mute
DC
Restore
VCC_O
VEE_O
OP_CTL
VCC_A
VEE_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com