Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP708SESA Datasheet(PDF) 7 Page - IMP, Inc

Part # IMP708SESA
Description  3/3.3/4.0V 關P SUPERVISOR CIRCUITS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP708SESA Datasheet(HTML) 7 Page - IMP, Inc

  IMP708SESA Datasheet HTML 1Page - IMP, Inc IMP708SESA Datasheet HTML 2Page - IMP, Inc IMP708SESA Datasheet HTML 3Page - IMP, Inc IMP708SESA Datasheet HTML 4Page - IMP, Inc IMP708SESA Datasheet HTML 5Page - IMP, Inc IMP708SESA Datasheet HTML 6Page - IMP, Inc IMP708SESA Datasheet HTML 7Page - IMP, Inc IMP708SESA Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Ensuring That RESET is Valid Down to VCC = 0V
When VCC falls below 1.2V, the IMP706R/S/T/J and
IMP708R/S/T/J RESET reset outputs no longer pull down; it
becomes indeterminate. To avoid the possibility that stray charges
could build up and force RESET to the wrong state, a pull-down
resistor should be connected to the RESET pin, thus draining such
charges to ground. The resistor value is not critical. A 100k
Ω resis-
tor will pull RESET to ground without loading it.
Monitoring Voltages Other Than VCC
The IMP706/708 can monitor voltages other than VCC using the
Power Fail circuitry. If a resistive divider is connected from the
voltage to be monitored to the PFI input, the PFO (output) will go
LOW if the divider voltage goes below its 1.25V reference. Should
hysteresis be desired, connect a resistor (equal to approximately
10 times the sum of the two resistors in the divider) between the
PFI and PFO pins. A capacitor between PFI and GND will reduce
circuit sensitivity to input high frequency noise. If it is desired to
assert a reset in addition to the PFO flag, this may be achieved by
connecting the PFO output to MR.
IMP706P/R/S/T/J, IMP708R/S/T/J
IMP706P/R/S/T/J, IMP708R/S/T/J
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
7
Bi-directional Reset Pin Interfacing
The IMP706/8 can interface with
µP/µC bi-directional reset pins
by connecting a 4.7k
Ω resistor in series with the RESET output
and the
µP/µC bi-directional reset pin.
Supply
Voltage
IMP70x
VCC
GND
GND
RESET
4.7k
W
706P_06.eps
Bi-directional I/O Pin
(Example: 68HC11)
BUF
Buffered
RESET
mC or mP
RESET
Input
Application Information
e
b
D
E1 E
a
L
C
0.10mm
0.004in
A1
A2
A
MicroSO (8-Pin).eps
MicroSO (8-Pin)
Package Dimensions
s
e
h
c
n
Is
r
e
t
e
m
i
ll
i
M
n
i
Mx
a
Mn
i
Mx
a
M
*
)
n
i
P
-
8
(
O
S
o
r
c
i
M
A
–
–
–
–
–
3
3
4
0
.
0
–
–
–
–
0
1
.
1
1
A0
2
0
0
.
09
5
0
0
.
00
5
0
.
05
1
.
0
2
A5
9
2
0
.
04
7
3
0
.
05
7
.
05
9
.
0
b8
9
0
0
.
07
5
1
0
.
05
2
.
00
4
.
0
C1
5
0
0
.
01
9
0
0
.
03
1
.
03
2
.
0
D2
4
1
1
.
00
2
2
1
.
00
9
.
20
1
.
3
eC
S
B
6
5
2
0
.
0C
S
B
5
6
.
0
EC
S
B
3
9
1
.
0C
S
B
0
9
.
4
1
E2
4
1
1
.
00
2
2
1
.
00
9
.
20
1
.
3
L7
5
1
0
.
06
7
2
0
.
00
4
.
00
7
.
0
a
°
0
°
6
°
0
°
6
3
t
a
.
a
2
0
t
_
P
6
0
7
* JEDEC Drawing MO-187AA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com