Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3140 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS3140
Description  Multi-Rate Adaptive 3G SDI Equalizer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3140 Datasheet(HTML) 2 Page - Semtech Corporation

  GS3140 Datasheet HTML 1Page - Semtech Corporation GS3140 Datasheet HTML 2Page - Semtech Corporation GS3140 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GS3140
Product Brief
Rev.0
PDS-060941
January 2015
2 of 3
Proprietary & Confidential
www.semtech.com
The differential output can be DC-coupled to Semtech’s
reclockers and cable drivers, as well as industry-standard
+1.2V, +1.8V and +2.5V CML logic by changing the voltage
applied to the VCC_O pin.
The GS3140 also features programmable output
de-emphasis with eight user-selectable operating levels to
support long PCB traces at the output of the device. The
output swing can be programmed, via the user interface,
from approximately 250mVppd to 1Vppd in 50mVppd steps.
The device comes in a 16-pin, 4mm x 4mm QFN–COL
package.
Power consumption of the GS3140 is typically 84mW when
DC-coupled to a +1.2V termination voltage with
OUTPUT_SWING = 0011b.
The GS3140 is Pb-free, and the encapsulation compound
does not contain halogenated flame retardant.
This component and all homogeneous subcomponents are
RoHS compliant.
GS3140 Functional Block Diagram
Control and Status
Equalizer
DC Restore
Output Trace
Driver
AGC
VCC_A
SDI
VEE_A
AGC
VEE_O
DDO
VCC_O
SCLK
SDIN
SDOUT
SDI
AGC
DDO
CS
INT
VCC_D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com