Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC809_W Datasheet(PDF) 3 Page - Impala Linear Corporation

Part # ILC809_W
Description  3-PIN 關P VOLTAGE MONITOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC809_W Datasheet(HTML) 3 Page - Impala Linear Corporation

  ILC809_W Datasheet HTML 1Page - Impala Linear Corporation ILC809_W Datasheet HTML 2Page - Impala Linear Corporation ILC809_W Datasheet HTML 3Page - Impala Linear Corporation ILC809_W Datasheet HTML 4Page - Impala Linear Corporation ILC809_W Datasheet HTML 5Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3-Pin µP Voltage Monitor
Impala Linear Corporation
3
(408) 574-3939
www.impalalinear.com
Sept 1999
ILC803/809/810 1.5
Preliminary
V
CC Transients
The ILC803, ILC809 and ILC810 are relatively immune to
negative-going V
CC
glitches below the reset threshold.
Typically, a negative-going transient 125mV below the reset
threshold with a duration of 50
µs (25µs for ILC8__R/S/T) or
less will not cause an unwanted reset.
Interfacing to Bi-directional Reset Pins
The ILC803/ILC809/ILC810 can interface with
µPs with bi-
directional reset pins by connecting a 4.7k
Ω resistor in
series with the ILC803/ILC809/ILC810 output and the mP
reset pin. ILC803 connects directly with a single pull-up
resistor (figure 2).
RESET Valid to 0V
A resistor can be added from the RESET pin to ground to
ensure the RESET output remains low with VCC down to
0V. A 100k
Ω resistor connected from RESET to ground is
recommended. The size of the resistor should be large
enough to not load the RESET output and small enough to
pull-down any stray leakage currents.
ILC803
ILC809
µP
V
CC
V
CC
V
CC
RESET
RESET
100K
ILC803
only
100K
ILC809
only
Industry P/N
ILC Direct
Replacement
MAX803XYUR-T
ILC803YU
MAX809JEUR-T
ILC809JU
MAX809LEUR-T
ILC809LU
MAX809MEUR-T
ILC809MU
MAX809REUR-T
ILC809RU
MAX809SEUR-T
ILC809SU
MAX809TEUR-T
ILC809TU
MAX810JEUR-T
ILC810JU
MAX810LEUR-T
ILC810LU
MAX810MEUR-T
ILC810MU
MAX810REUR-T
ILC810RU
MAX810SEUR-T
ILC810SU
MAX810TEUR-T
ILC810TU
SC-70 Case
SOT-23 Case
ILC803J
QJY
QJYY
ILC803L
QLY
QLYY
ILC803M
QMY
QMYY
ILC803R
QRY
QRYY
ILC803S
QSY
QSYY
ILC803T
QTY
QTYY
ILC809J
VJY
VJYY
ILC809L
VLY
VLYY
ILC809M
VMY
VMYY
ILC809R
VRY
VRYY
ILC809S
VSY
VSYY
ILC809T
VTY
VTYY
ILC810J
ZJY
ZJYY
ILC810L
ZCY
ZCYY
ILC810M
ZMY
ZMYY
ILC810R
ZRY
ZRYY
ILC810S
ZSY
ZSYY
ILC810T
ZTY
ZTYY
Y-LOT CODE
YY-LOT CODE
3
Reset
Generator
2
1
-
+
Reset
Threshold (V)
V
CC
RESET (ILC803, ILC809
RESET (ILC810)
GND
V
TH
V
CC
tR
RESET
tR
Microprocessor Reset
The RESET pin is asserted whenever V
CC falls below the
reset threshold voltage. The reset pin remains asserted for
a period of 240ms after V
CC
has risen above the reset
threshold voltage. The reset function ensures the micro-
processor is properly reset and powers up into a known
condition after a power failure. RESET will remain valid
with V
CC as low as 1.4V.
Figure 1: Timing Diagram
Figure 2: Reset valid to VCC
Figure 3: Block Diagram
Circuit Description
Alternate Source Cross Reference Guide
Device Markings Information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com