Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQDHT3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BQDHT3
Description  Molded Case Circuit Breakers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BQDHT3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BQDHT3 Datasheet HTML 1Page - List of Unclassifed Manufacturers BQDHT3 Datasheet HTML 2Page - List of Unclassifed Manufacturers BQDHT3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Siemens Industry, Inc. SPEEDFAX™ 2011 Product Catalog
7-95
Product Category MCCB
Molded Case Circuit Breakers
External Accessories
Selection
n
Builttoorder.Allow2–3weeksfordelivery.
a
Soldonlyinstandardpackagequantities.
FDPadlocking
Device
FD6PLI
FDHandle
BlockingDevice
FD6HB1
Handle
Extension
EX11
Handle Ties
Provide simultaneous switching of 2 or 3 adjacent handles.
Do not provide common trip.
For Use With
Catalog
Standard
Wt Lb/
Breaker Frame(s)
Number
Package
Std Pkg

BQD,NGB

BQDHT2
10
1
⁄2
 
BQDHT3
10
1
⁄2
Padlocking Devices
For locking breaker in “OFF” position.
 AllQJ
HL9419
10
1
⁄4
 AllBQD,CQD,NGB
BQDPLD
01
1
⁄8

NGG
HPLG
01
1
⁄4
 EB,1-thru3-pole
HPLEB
01
1
⁄8
 EG,3-and4-poleonly
HPLE
01
1
⁄4
 AllED
ED2HPL
01
1
⁄4
 AllFD
FD6PL1
01
1
⁄4
 AllJD,LD,LMD
JD6HPL
01
1
⁄4
 AllMD,ND,PD,RD
MN6PLD
01
1⁄4
Handle Blocking Devices
For holding breaker in “ON” or “OFF” position.
Not a lockout/tagout device.
 AllQJ
QJHS1a
25
1
 AllBQD,CQD,NGG,NGB
BQDHBD
01
1
⁄4

EG
HBDE
01
1
⁄4
 AllED
E2HBL
01
1
⁄4
 AllFD
FD6HB1
01
1
⁄2
 AllJD,LD,LMD
JD6HBL
01
1
⁄2
 AllMD,ND,PD,RD
MN6BL
01
1⁄2
Handle Extensions
For replacement. One extension shipped with breaker.
 AllMD,ND,PD,RD
EX11
01
2
Terminal Shields
Catalog
Standard
Breaker Type
Poles
Number
Package
 NGG
3
TSSG3A
1
• Revised •
01/17/12


Similar Description - BQDHT3

ManufacturerPart #DatasheetDescription
logo
Altech corporation
ABS103U15A ALTECH-ABS103U15A Datasheet
932Kb / 10P
Molded Case Circuit Breakers UL489 Listed
logo
List of Unclassifed Man...
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
Molded Case Circuit Breakers
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
Miniature Molded Case Circuit Breakers
logo
List of Unclassifed Man...
A2N150TW ETC2-A2N150TW Datasheet
675Kb / 2P
FORMULA UL Molded Case Circuit Breakers
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
Circuit Breakers
R59 NTE-R59 Datasheet
494Kb / 1P
Circuit Breakers
logo
Schneider Electric
PGF36025U43A SCHNEIDER-PGF36025U43A Datasheet
139Kb / 1P
Molded Case Circuit Breaker 600V 250A
Oct 20, 2020
logo
Fuji Electric
BW9N0HA FUJI-BW9N0HA Datasheet
9Mb / 93P
Molded Case Circuit Breakers
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
Circuit Breakers, Molded Case Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
Miniature circuit breakers
Rev. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com