Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F020 Datasheet(PDF) 20 Page - Intel Corporation

Part # 28F020
Description  28F020 2048K (256K X 8) CMOS FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F020 Datasheet(HTML) 20 Page - Intel Corporation

Back Button 28F020 Datasheet HTML 16Page - Intel Corporation 28F020 Datasheet HTML 17Page - Intel Corporation 28F020 Datasheet HTML 18Page - Intel Corporation 28F020 Datasheet HTML 19Page - Intel Corporation 28F020 Datasheet HTML 20Page - Intel Corporation 28F020 Datasheet HTML 21Page - Intel Corporation 28F020 Datasheet HTML 22Page - Intel Corporation 28F020 Datasheet HTML 23Page - Intel Corporation 28F020 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
28F020
E
20
4.4
DC Characteristics—TTL/NMOS Compatible—Commercial Products
(Continued)
Limits
Symbol
Parameter
Notes
Min
Typ(3)
Max
Unit
Test Conditions
VIL
Input Low
Voltage
–0.5
0.8
V
VIH
Input High
Voltage
2.0
VCC
+ 0.5
V
VOL
Output Low
Voltage
0.45
V
VCC = VCC Min
IOL = 5.8 mA
VOH1
Output High
Voltage
2.4
V
VCC = VCC Min
IOH = –2.5 mA
VID
A9 Intelligent
Identifier
Voltage
11.50
13.00
V
IID
A9 Intelligent
Identifier
Current
1, 2
90
200
µA
A9 = VID
VPPL
VPP during
Read-Only
Operations
0.00
6.5
V
NOTE:
Erase/Program
are Inhibited
when VPP = VPPL
VPPH
VPP during
Read/Write
Operations
11.40
12.60
V
VLKO
VCC
Erase/Write
Lock Voltage
2.5
V
NOTES:
1.
All currents are in RMS unless otherwise noted. Typical values at VCC = 5.0 V, VPP = 12.0 V, T = 25 °C. These currents are
valid for all product versions (packages and speeds).
2.
Not 100% tested: Characterization data available.
3.
“Typicals” are not guaranteed, but based on a limited number of samples from production lots.
4.5
DC Characteristics—CMOS Compatible—Commercial Products
Limits
Symbol
Parameter
Notes
Min
Typ(3)
Max
Unit
Test Conditions
ILI
Input Leakage
Current
1
±1.0
µA
VCC = VCC Max
VIN = VCC or VSS
ILO
Output Leakage
Current
1
±10
µA
VCC = VCC Max
VOUT = VCC or VSS
ICCS
VCC Standby
Current
1
50
100
µA
VCC = VCC Max
CE# = VCC ±0.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com