Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA28F016SA-080 Datasheet(PDF) 11 Page - Intel Corporation

Part # DA28F016SA-080
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DA28F016SA-080 Datasheet(HTML) 11 Page - Intel Corporation

Back Button DA28F016SA-080 Datasheet HTML 7Page - Intel Corporation DA28F016SA-080 Datasheet HTML 8Page - Intel Corporation DA28F016SA-080 Datasheet HTML 9Page - Intel Corporation DA28F016SA-080 Datasheet HTML 10Page - Intel Corporation DA28F016SA-080 Datasheet HTML 11Page - Intel Corporation DA28F016SA-080 Datasheet HTML 12Page - Intel Corporation DA28F016SA-080 Datasheet HTML 13Page - Intel Corporation DA28F016SA-080 Datasheet HTML 14Page - Intel Corporation DA28F016SA-080 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
E
28F016SA
11
DA28F016SA
56-LEAD SSOP
STANDARD PINOUT
1.8 mm x 16 mm x 23.7 mm
TOP VIEW
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
28F016SV
RP#
GND
BYTE#
NC
NC
GND
VPP
A11
A10
A9
A1
A2
A3
A4
A5
A6
A7
A 8
VCC
DQ9
DQ1
DQ
8
DQ0
A
0
DQ2
DQ10
DQ3
DQ11
RP#
GND
BYTE#
NC
NC
GND
VPP
A11
A10
A9
A1
A2
A3
A4
A5
A6
A7
A 8
VCC
DQ9
DQ1
DQ
8
DQ0
A
0
DQ2
DQ10
DQ3
DQ11
28F016SV
RY/BY#
NC
WE#
WP#
OE#
GND
CE #
0
A12
A13
A14
A15
CE #
1
A
20
A19
A18
A17
A16
V
CC
DQ 6
DQ14
DQ 7
DQ15
DQ
13
DQ
5
DQ
12
DQ
4
V CC
RY/BY#
3/5#
NC
WE#
WP#
OE#
GND
CE #
0
A12
A13
A14
A15
CE #
1
A
20
A19
A 18
A17
A16
V
CC
DQ 6
DQ14
DQ 7
DQ15
DQ
13
DQ
5
DQ
12
DQ
4
VCC
3/5#
0489_17
Figure 3. SSOP Pinout Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com