Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F400B3 Datasheet(PDF) 39 Page - Intel Corporation

Part # 28F400B3
Description  SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F400B3 Datasheet(HTML) 39 Page - Intel Corporation

Back Button 28F400B3 Datasheet HTML 35Page - Intel Corporation 28F400B3 Datasheet HTML 36Page - Intel Corporation 28F400B3 Datasheet HTML 37Page - Intel Corporation 28F400B3 Datasheet HTML 38Page - Intel Corporation 28F400B3 Datasheet HTML 39Page - Intel Corporation 28F400B3 Datasheet HTML 40Page - Intel Corporation 28F400B3 Datasheet HTML 41Page - Intel Corporation 28F400B3 Datasheet HTML 42Page - Intel Corporation 28F400B3 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
E
SMART 3 ADVANCED BOOT BLOCK–WORD-WIDE
39
PRELIMINARY
7.0
AC CHARACTERISTICS
AC Characteristics are applicable to both VCCQ ranges.
Table 15. AC Characteristics: Read Operations (Extended Temperature)
Load
CL = 50 pF
#
Symbol
Parameter
VCC
2.7V–3.6V4
Units
Prod
120 ns
150 ns
Notes
Min
Max
Min
Max
R1
tAVAV
Read Cycle Time
120
150
ns
R2
tAVQV
Address to Output Delay
120
150
ns
R3
tELQV
CE# to Output Delay
2
120
150
ns
R4
tGLQV
OE# to Output Delay
2
65
65
ns
R5
tPHQV
RP# to Output Delay
600
600
ns
R6
tELQX
CE# to Output in Low Z
3
0
0
ns
R7
tGLQX
OE# to Output in Low Z
3
0
0
ns
R8
tEHQZ
CE# to Output in High Z
3
40
40
ns
R9
tGHQZ
OE# to Output in High Z
3
40
40
ns
R10
tOH
Output Hold from Address, CE#,
or OE# Change, Whichever
Occurs First
30
0
ns
NOTES:
1.
See AC Input/Output Reference Waveform for timing measurements.
2.
OE# may be delayed up to tELQV–tGLQV after the falling edge of CE# without impact on tELQV.
3.
Sampled, but not 100% tested.
4.
See Test Configuration (Figures 12 and 14), 2.7V–3.6V and 1.8V–2.2V Standard Test component values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com