Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5231 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5231 Datasheet HTML 20Page - Analog Devices AD5231 Datasheet HTML 21Page - Analog Devices AD5231 Datasheet HTML 22Page - Analog Devices AD5231 Datasheet HTML 23Page - Analog Devices AD5231 Datasheet HTML 24Page - Analog Devices AD5231 Datasheet HTML 25Page - Analog Devices AD5231 Datasheet HTML 26Page - Analog Devices AD5231 Datasheet HTML 27Page - Analog Devices AD5231 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD5231
Data Sheet
Rev. D | Page 24 of 28
V+
V–
AD8552
AD5231
VO
V+
V–
AD8552
–2.5VREF
B
A
W
A1
U1
+2.5VREF
VOUT
VIN
TRIM
GND
ADR421
+5V
–5V
–5V
+5V
R
R
A2
+5V
Figure 49. 10-Bit Bipolar DAC
10-BIT UNIPOLAR DAC
Figure 50 shows a unipolar 10-bit DAC using AD5231. The
buffer is needed to drive various leads.
AD5231
V+
V–
AD8601
W
A1
GND
AD1582
5V
5V
U1
3
A
B
VO
1
2
VOUT
VIN
Figure 50. 10-Bit Unipolar DAC
PROGRAMMABLE VOLTAGE SOURCE WITH
BOOSTED OUTPUT
For applications that require high current adjustment, such as a
laser diode driver or tunable laser, a boosted voltage source can
be considered (see Figure 51).
AD5231
V+
V–
W
AD8601
A
B
VIN
VOUT
IL
2N7002
RBIAS
SIGNAL CC
LD
U2
Figure 51. Programmable Booster Voltage Source
In this circuit, the inverting input of the op amp forces the VOUT
to be equal to the wiper voltage set by the digital potentiometer.
The load current is then delivered by the supply via the
N-Ch FET N1. N1 power handling must be adequate to dissipate
(Vi − VO) × IL power. This circuit can source a maximum of
100 mA with a 5 V supply.
For precision applications, a voltage reference such as ADR421,
ADR03, or ADR370 can be applied at Terminal A of the digital
potentiometer.
PROGRAMMABLE CURRENT SOURCE
A programmable current source can be implemented with the
circuit shown in Figure 52.
V+
V–
OP1177
U2
VIN
SLEEP
REF191
GND
VOUT
3
2
4
6
U1
AD5231
W
A
B
VL
IL
+5V
–5V
+5V
–2.048V TO VL
0V TO (2.048V + VL)
RS
102Ω
C1
1µF
RL
100Ω
Figure 52. Programmable Current Source
REF191 is a unique low supply, headroom precision reference
that can deliver the 20 mA needed at 2.048 V. The load current
is simply the voltage across Terminals B–W of the digital
potentiometer divided by RS:
1024
×
×
=
S
REF
L
R
D
V
I
(7)
The circuit is simple, but be aware that there are two issues.
First, dual-supply op amps are ideal because the ground
potential of REF191 can swing from −2.048 V at zero scale to VL
at full scale of the potentiometer setting. Although the circuit
works under single-supply, the programmable resolution of the
system is reduced. Second, the voltage compliance at VL is
limited to 2.5 V or equivalently a 125 Ω load. Should higher
voltage compliance be needed, users can consider digital
potentiometers AD5260, AD5280, and AD7376. Figure 53
shows an alternate circuit for high voltage compliance.
To achieve higher current, such as when driving a high power
LED, the user can replace the UI with an LDO, reduce RS, and
add a resistor in series with the digital potentiometer’s
A terminal. This limits the potentiometer’s current and
increases the current adjustment resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com