Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S80296SA Datasheet(PDF) 38 Page - Intel Corporation

Part # S80296SA
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80296SA Datasheet(HTML) 38 Page - Intel Corporation

Back Button S80296SA Datasheet HTML 32Page - Intel Corporation S80296SA Datasheet HTML 33Page - Intel Corporation S80296SA Datasheet HTML 34Page - Intel Corporation S80296SA Datasheet HTML 35Page - Intel Corporation S80296SA Datasheet HTML 36Page - Intel Corporation S80296SA Datasheet HTML 37Page - Intel Corporation S80296SA Datasheet HTML 38Page - Intel Corporation S80296SA Datasheet HTML 39Page - Intel Corporation S80296SA Datasheet HTML 40Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
34
PRELIMINARY
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
tics” is Section 6.0; “Errata” is Section 8.0, and “Datasheet Revision History” is Section 9.0.
6.
Table 2 was changed to Table 1 and the “process information” was corrected to show that “no mark” sig-
nifies a CHMOS process.
7.
Table 3 was changed to Table 7 and several clarifications were made.
8.
Figure 3 was changed to correct the product name. Pin assignments did not change.
9.
Table 4 was changed to Table 2 and pin 3 was changed from “no connection” to “tie to V
CC.”
10. Figure 4 was changed to correct the product name. Pin assignments did not change.
11. Figure 5, “I
CC versus Frequency in Reset,” was added. Remaining figure numbers were incremented.
12. Table 6 was changed to Table 4 and a note for handling the “no connection” pins was added.
13. Table 8 was changed to Table 6. The descriptions of BREQ#, HLDA#, and HOLD# were changed to
reflect their operation during hold. The description of the ONCE signal was changed to reflect the correct
states of READY, RESET#, and NMI during ONCE mode. The description of PLLEN2:1 was changed to
show the correct pin states to achieve each phase-locked loop (PLL) clock multiplier mode. The descrip-
tions of RPD and RESET# were changed to reflect system requirements when using the PLL.
14. Two notes were added to clarify the “Operating Conditions” in the “Electrical Characteristics” section.
15. Table 9 was changed to Table 8, the notes were re-ordered, and the following specifications were
changed:
•I
CC max was changed to 150 mA
(from 120 mA).
•V
OH min was changed to VCC–0.5 V
(from V
CC–0.3 V) at IOH = –200µA.
•V
OH min was changed to VCC–0.9 V
(from V
CC–0.7V) at IOH = –3.2 mA.
•
Test condition for V
OL
1 max = 0.45 V was changed to IOL = 8 mA (from IOL = 10 mA).
•R
RST min and max were changed to 50 kΩ and 150 kΩ (from 9 kΩ and 95 kΩ).
•V
OH
3 min specification was added.
16. Table 10 was divided into two tables: timing specifications that the microcontroller will meet (Table 10)
and those that the external memory system must meet (Table 11). Note 7 was deleted and the remain-
ing notes were re-ordered. The following specifications were changed or added in Table 10:
•F
XTAL
1 min for the PLL in 4x mode was changed to 8 MHz (from 4 MHz); a clarifying note was added.
•T
XHCH min was changed to 3 ns (from TBD).
•T
LLAX min was changed to 1 ns (from TBD).
•T
LLRL min was changed to 3 ns (from TBD)
•T
RHAX min was changed to t – 4 ns (from t).
•T
AVWL min (2t – 25) was added to Table 10.
•T
SLDV min (4t – 28) was added to Table 11.
17. Table 11 was divided into two tables: timing specifications that the microcontroller will meet (Table 12)
and those that the external memory system must meet (Table 13). Note 7 was deleted and the remain-
ing notes were re-ordered. The following specifications were changed:
•F
XTAL
1 min for the PLL in 4x mode was changed to 8 MHz (from 4 MHz); a clarifying note was added.
•T
WHQX min was changed to t – 5 ns (from t – 2 ns).
18. Figure 6 was changed to show the correct PLLEN2:1 values to select the 2x clock multiplier mode.
19. Table 13 was changed to Table 15 and a note was added.
20. Table 14 was changed to Table 16, 1/T
XLXL specifications for each phase-locked loop (PLL) mode were
added, and Note 2 was deleted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com