Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8088-2 Datasheet(PDF) 13 Page - Intel Corporation

Part # 8088-2
Description  8-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8088-2 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 8088-2 Datasheet HTML 9Page - Intel Corporation 8088-2 Datasheet HTML 10Page - Intel Corporation 8088-2 Datasheet HTML 11Page - Intel Corporation 8088-2 Datasheet HTML 12Page - Intel Corporation 8088-2 Datasheet HTML 13Page - Intel Corporation 8088-2 Datasheet HTML 14Page - Intel Corporation 8088-2 Datasheet HTML 15Page - Intel Corporation 8088-2 Datasheet HTML 16Page - Intel Corporation 8088-2 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
8088
231456 – 9
Figure 9 Interrupt Acknowledge Sequence
External Synchronization via TEST
As an alternative to interrupts the 8088 provides a
single software-testable input pin (TEST) This input
is utilized by executing a WAIT instruction The sin-
gle WAIT instruction is repeatedly executed until the
TEST input goes active (LOW) The execution of
WAIT does not consume bus cycles once the queue
is full
If a local bus request occurs during WAIT execution
the 8088 3-states all output drivers If interrupts are
enabled the 8088 will recognize interrupts and pro-
cess them The WAIT instruction is then refetched
and reexecuted
Basic System Timing
In minimum mode the MNMX pin is strapped to
VCC and the processor emits bus control signals
compatible with the 8085 bus structure In maximum
mode the MNMX pin is strapped to GND and the
processor emits coded status information which the
8288 bus controller uses to generate MULTIBUS
compatible bus control signals
System TimingMinimum System
(See Figure 8)
The read cycle begins in T1 with the assertion of the
address latch enable (ALE) signal The trailing (low
going) edge of this signal is used to latch the ad-
dress information which is valid on the address
data
bus
(AD0 – AD7)
at
this
time
into
the
82828283 latch Address lines A8 through A15 do
not need to be latched because they remain valid
throughout the bus cycle From T1 to T4 the IOM
signal indicates a memory or IO operation At T2
the address is removed from the addressdata bus
and the bus goes to a high impedance state The
read control signal is also asserted at T2 The read
(RD) signal causes the addressed device to enable
its data bus drivers to the local bus Some time later
valid data will be available on the bus and the ad-
dressed device will drive the READY line HIGH
When the processor returns the read signal to a
HIGH level the addressed device will again 3-state
its bus drivers If a transceiver is required to buffer
the 8088 local bus signals DTR and DEN are pro-
vided by the 8088
A write cycle also begins with the assertion of ALE
and the emission of the address The IOM signal is
again asserted to indicate a memory or IO write
operation In T2 immediately following the address
emission the processor emits the data to be written
into the addressed location This data remains valid
until at least the middle of T4 During T2 T3 and
Tw the processor asserts the write control signal
The write (WR) signal becomes active at the begin-
ning of T2 as opposed to the read which is delayed
somewhat into T2 to provide time for the bus to
float
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com