Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960CF-25 Datasheet(PDF) 5 Page - Intel Corporation

Part # 80960CF-25
Description  SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-25 Datasheet(HTML) 5 Page - Intel Corporation

  80960CF-25 Datasheet HTML 1Page - Intel Corporation 80960CF-25 Datasheet HTML 2Page - Intel Corporation 80960CF-25 Datasheet HTML 3Page - Intel Corporation 80960CF-25 Datasheet HTML 4Page - Intel Corporation 80960CF-25 Datasheet HTML 5Page - Intel Corporation 80960CF-25 Datasheet HTML 6Page - Intel Corporation 80960CF-25 Datasheet HTML 7Page - Intel Corporation 80960CF-25 Datasheet HTML 8Page - Intel Corporation 80960CF-25 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
SPECIAL ENVIRONMENT 80960CF-30 -25 -16
10
PURPOSE
This document previews electrical characterizations
of Intel’s i960 CF embedded microprocessor (avail-
able in 33 25 and 16 MHz) For a detailed descrip-
tion of any i960 CF processor functional topicoth-
er than parametric performancerefer to the latest
i960 CA Microprocessor Reference Manual (Order
No 270710) and the
i960 CF Reference Manual Ad-
dendum (Order No 272188)
20
i960 CF PROCESSOR OVERVIEW
Intel’s i960 CF microprocessor is the performance
follow-on product to the i960 CA processor The
i960 CF product is socket- and object code-compati-
ble with the CA this makes CA-to-CF design up-
grades straightforward The i960 CF processor’s in-
struction cache is 4 Kbytes (CA device has 1 Kbyte)
CF data cache is 1 Kbyte (CA device has no data
cache) This extra cache on the CF product adds a
significant performance boost over the CA The
80960CF is object code compatible with the 32-bit
80960 Core Architecture while including Special
Function Register extensions to control on-chip pe-
ripherals and instruction set extensions to shift 64-
bit operands and configure on-chip hardware Multi-
ple 128-bit internal busses on-chip instruction cach-
ing and a sophisticated instruction scheduler allow
the processor to sustain execution of two instruc-
tions every clock and peak at execution of three
instructions per clock
A 32-bit demultiplexed and pipelined burst bus pro-
vides a 132 Mbytes bandwidth to a system’s high-
speed external memory sub-system In addition the
80960CF’s on-chip caching of instructions proce-
dure context and critical program data substantially
decouples system performance from the wait states
associated with accesses to the system’s slower
cost sensitive main memory sub-system
The 80960CF bus controller also integrates full wait
state and bus width control for highest system per-
formance with minimal system design complexity
Unaligned access and Big Endian byte order support
reduces the cost of porting existing applications to
the 80960CF
The processor also integrates four complete data-
chaining DMA channels and a high-speed interrupt
controller on-chip The DMA channels perform sin-
gle-cycle or two-cycle transfers data packing and
unpacking and data chaining Block transfers in ad-
dition to source or destination synchronized trans-
fers are provided
The interrupt controller provides full programmability
of 248 interrupt sources into 32 priority levels with a
typical interrupt task switch (‘‘latency’’) time of
750 ns
271328 – 2
Figure 2 80960CF Block Diagram
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com