Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSS105D-330 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSS105D-330
Description  SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS105D-330 Datasheet(HTML) 1 Page - Frontier Electronics.

  CSS105D-330 Datasheet HTML 1Page - Frontier Electronics. CSS105D-330 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSS105D Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(Ω)
Rated Current
(A) Max.
CSS105D-100_
100
10
100
0.05
2.65
CSS105D-120_
120
12
100
0.05
2.50
CSS105D-150_
150
15
100
0.06
2.45
CSS105D-180_
180
18
100
0.06
2.40
CSS105D-220_
220
22
100
0.07
2.20
CSS105D-270_
270
27
100
0.08
2.00
CSS105D-330_
330
33
100
0.10
1.80
CSS105D-390_
390
39
100
0.11
1.65
CSS105D-470_
470
47
100
0.12
1.50
CSS105D-560_
560
56
100
0.15
1.38
CSS105D-680_
680
68
100
0.17
1.26
CSS105D-820_
820
82
100
0.20
1.14
CSS105D-101_
101
100
10
0.25
1.05
CSS105D-121_
121
120
10
0.28
0.95
CSS105D-151_
151
150
10
0.40
0.85
CSS105D-181_
181
180
10
0.48
0.77
CSS105D-221_
221
220
10
0.52
0.70
CSS105D-271_
271
270
10
0.70
0.63
CSS105D-331_
331
330
10
0.80
0.57
CSS105D-391_
391
390
10
1.08
0.52
CSS105D-471_
471
470
10
1.20
0.48
CSS105D-561_
561
560
10
1.34
0.44
CSS105D-681_
681
680
10
1.78
0.40
CSS105D-821_
821
820
10
2.00
0.36
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
CSS105D
11.6
(0.457)
12.6
(0.496)
5.4
(0.213)
9.5
(0.0.374)
2.5
(0.098)
5.0
(0.197)
Tol.
±0.5
(0.020)
±0.5
(0.020)
±0.5
(0.020)
Typ.
Typ.
Typ.
C. General Information:
1. P/N: CSS105D-xxx_, “CSS105D” = Type, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_” : M = ± 20%.
3. Operating temperature range: -25ºC to +85ºC (Including self-generated heat).
4. Inductance measured using the HP4284A LCR meter.
5. DCR measured using 502BC milli-ohm meter.
6. Inductance drop no more than 10% of initial value at rated current, temperature rise
∆t < 40ºC.
7. Inductance and Current range: From 10 µH (2.65A) to 820 µH (0.36A).
8. MSL: Level 1.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSS105D-330

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS105D-330 FRONTIER-CSS105D-330 Datasheet
194Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
More results

Similar Description - CSS105D-330

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSMS0612D FRONTIER-CSMS0612D Datasheet
183Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0214P FRONTIER-CSS0214P_15 Datasheet
178Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0218P FRONTIER-CSS0218P_15 Datasheet
173Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0628P FRONTIER-CSS0628P_15 Datasheet
190Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS124P FRONTIER-CSS124P_15 Datasheet
236Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0528P-2R5L FRONTIER-CSS0528P-2R5L Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050G-R80L FRONTIER-CSS1050G-R80L Datasheet
282Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050P-100L FRONTIER-CSS1050P-100L Datasheet
281Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com