Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960SA Datasheet(PDF) 25 Page - Intel Corporation

Part # 80960SA
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SA Datasheet(HTML) 25 Page - Intel Corporation

Back Button 80960SA Datasheet HTML 21Page - Intel Corporation 80960SA Datasheet HTML 22Page - Intel Corporation 80960SA Datasheet HTML 23Page - Intel Corporation 80960SA Datasheet HTML 24Page - Intel Corporation 80960SA Datasheet HTML 25Page - Intel Corporation 80960SA Datasheet HTML 26Page - Intel Corporation 80960SA Datasheet HTML 27Page - Intel Corporation 80960SA Datasheet HTML 28Page - Intel Corporation 80960SA Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
21
80960SA
3.0
MECHANICAL DATA
3.1
Packaging
The 80960SA is available in two package types:
•
80-lead quad flat pack (EIAJ QFP). Shown in
Figure 15.
•
84-lead plastic leaded chip carrier (PLCC).
Shown in Figure 16.
Dimensions for both package types are given in the
Intel Packaging handbook (Order #240800).
3.2
Pin Assignment
The QFP and PLCC have different pin assignments.
The QFP pins are numbered in order from 1 to 80
around the package perimeter. The PLCC pins are
numbered in order from 1 to 84 around the package
perimeter. Tables 9 and 10 list the function of each
QFP pin; Tables 11 and 12 list the function of each
PLCC pin.
VCC and GND connections must be made to multiple
VCC and GND pins. Each VCC and GND pin must be
connected to the appropriate voltage or ground and
externally strapped close to the package. It is recom-
mended that you include separate power and ground
planes in your circuit board for power distribution.
Pins identified as NC (No Connect) should never be
connected.
Figure 15. 80-Lead EIAJ Quad Flat Pack (QFP) Package
AD1
AD2
VSS
AD3
AD4
AD5
AD6
VSS
A23
A24
A25
VCC
VCC
NC
VSS
VSS
VSS
VCC
VCC
ALE
A1
A2
A3
D0
READY
BE1
66
65
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41
40
39
38
37
36
35
34
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21
80
79
78
77
76
75
74
73
72
71
70
69
68
67
22 23 24
25
26
27
28
29
30
31
32
33
A26
A27
A28
A29
A30
A31
S80960SA-20
XXXXXXXX
XXXXXX
XXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com