Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960SB Datasheet(PDF) 5 Page - Intel Corporation

Part # 80960SB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SB Datasheet(HTML) 5 Page - Intel Corporation

  80960SB Datasheet HTML 1Page - Intel Corporation 80960SB Datasheet HTML 2Page - Intel Corporation 80960SB Datasheet HTML 3Page - Intel Corporation 80960SB Datasheet HTML 4Page - Intel Corporation 80960SB Datasheet HTML 5Page - Intel Corporation 80960SB Datasheet HTML 6Page - Intel Corporation 80960SB Datasheet HTML 7Page - Intel Corporation 80960SB Datasheet HTML 8Page - Intel Corporation 80960SB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
1
80960SB
1.0
THE i960® PROCESSOR
The 80960SB is a member of the 32-bit architecture
from Intel known as the i960 processor family. These
microprocessors were especially designed to serve
the needs of embedded applications. The embedded
market includes applications as diverse as industrial
automation, avionics, image processing, graphics
and networking. These types of applications require
high integration, low power consumption, quick
interrupt response times and high performance.
Since time to market is critical, embedded micropro-
cessors need to be easy to use in both hardware and
software designs.
All members of the i960 processor family share a
common core architecture which utilizes RISC
technology so that, except for special functions, the
family members are object-code compatible. Each
new processor in the family adds its own special set
of functions to the core to satisfy the needs of a
specific application or range of applications in the
embedded market.
Figure 2. 80960SB Programming Environment
SIXTEEN 32-BIT
GLOBAL REGISTERS
SIXTEEN 32-BIT
LOCAL REGISTERS
g0
g15
r0
r15
FOUR 80-BIT
CONTROL REGISTERS
FLOATING POINT REGISTERS
ARCHITECTURALLY
DEFINED
DATA STRUCTURES
FFFF FFFFH
INSTRUCTION
STREAM
INSTRUCTION
EXECUTION
PROCESSOR STATE
REGISTERS
INSTRUCTION
POINTER
ARITHMETIC
CONTROLS
PROCESS
CONTROLS
TRACE
CONTROLS
ADDRESS SPACE
LOAD
STORE
0000 0000H
INSTRUCTION
CACHE
FETCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com