Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS0630 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # MCS0630
Description  SMD MOLDED HIGH CURRENT POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

MCS0630 Datasheet(HTML) 1 Page - Frontier Electronics.

  MCS0630 Datasheet HTML 1Page - Frontier Electronics. MCS0630 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MCS0630 Series – SMD MOLDED HIGH CURRENT POWER INDUCTORS
(SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
L
(uH)
Tol.
Mark
Test Freq.
(KHz)
DCR Typ.
(m
Ω)
DCR Max.
(m
Ω)
I sat. Typ.
(A)
I rated Typ.
(A)
MCS0630-R22MN2
0.22
M
R22
100
2.50
2.80
40.0
23.0
MCS0630-R33MN2
0.33
M
R33
100
3.50
3.90
30.0
20.0
MCS0630-R47MN2
0.47
M
R47
100
4.00
4.20
26.5
17.5
MCS0630-R56MN2
0.56
M
R56
100
4.70
5.00
25.5
16.5
MCS0630-R68MN2
0.68
M
R68
100
5.00
5.50
25.0
15.5
MCS0630-R82MN2
0.82
M
R82
100
6.70
8.00
20.0
13.0
MCS0630-1R0MN2
1.00
M
1R0
100
9.00
10.0
20.0
11.0
MCS0630-1R5MN2
1.50
M
1R5
100
14.0
15.0
16.0
9.00
MCS0630-2R2MN2
2.20
M
2R2
100
17.0
20.0
12.0
8.00
MCS0630-3R3MN2
3.30
M
3R3
100
28.0
30.0
10.0
6.00
MCS0630-4R7MN2
4.70
M
4R7
100
37.0
40.0
7.00
5.50
MCS0630-6R8MN2
6.80
M
6R8
100
54.0
60.0
6.50
4.50
MCS0630-8R2MN2
8.20
M
8R2
100
54.0
60.0
6.50
4.50
MCS0630-100MN1
10.00
M
100
100
62.0
68.0
5.50
4.00
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
MCS0630
6.6
(0.260)
7.3
(0.287)
3
(0.118)
3
(0.118)
1.5
(0.059)
3.7
(0.146)
1.85
(0.073)
3.5
(0.138)
Tol.
±0.2
(0.008)
Max
Max.
±0.3
(0.012)
±.5
(0.020)
Typ.
Typ.
Typ.
Foot Print
C. General Information:
1. MCS0630-xxxMN2, “MCS0630” = P/N, “xxx” = Inductance, “_” = Tolerance: M: ± 20%, “N2” = Internal control code
2. Tolerance “_”: M: ± 20%
3. Magnetically shielded
4. High saturation current
5. Operating temperature: -55
°C to +125ºC
6. All test data is referenced to 25ºC ambient.
7. Rated current (A) that will cause an approximate
∆T of 40ºC.
8. I sat (A) that will cause Lo to drop approximately 20%.
9. The part temperature (ambient + self temp. rise) should not exceed 125ºC under worst case operating conditions. Circuit design,
component placement, PWB trace size and thickness, airflow and other cooling provisions all affect the part temperature which
should be verified in the end applications.
10. Test Instrument: Chroma16502, Chroma11300.
11. Inductance and Current Range: From 0.22 uH (23.0 A) to 10 uH (4.0 A)
12. Unspecified values available on request.
13. MSL: Level 1
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - MCS0630

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCS0603 ETC1-MCS0603 Datasheet
728Kb / 16P
Professional flat chip resistors
More results

Similar Description - MCS0630

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISM-1210H ABRACON-AISM-1210H Datasheet
276Kb / 1P
SMD MOLDED HIGH CURRENT CHIP INDUCTORS
logo
Superworld Electronics
L812HW SUPERWORLD-L812HW Datasheet
576Kb / 10P
HIGH CURRENT MOLDED POWER INDUCTORS
L813PW SUPERWORLD-L813PW Datasheet
500Kb / 10P
HIGH CURRENT MOLDED POWER INDUCTORS
L817PW SUPERWORLD-L817PW Datasheet
371Kb / 9P
HIGH CURRENT MOLDED POWER INDUCTORS
L825HW SUPERWORLD-L825HW Datasheet
303Kb / 7P
HIGH CURRENT MOLDED POWER INDUCTORS
logo
Central Technologies
CTIHSM5832F CT-CTIHSM5832F Datasheet
170Kb / 1P
Power Inductors - Molded High Current
logo
Superworld Electronics
L810HW SUPERWORLD-L810HW_10 Datasheet
537Kb / 10P
HIGH CURRENT MOLDED POWER INDUCTORS
L811HW SUPERWORLD-L811HW_10 Datasheet
586Kb / 10P
HIGH CURRENT MOLDED POWER INDUCTORS
logo
Frontier Electronics.
MCS0420 FRONTIER-MCS0420 Datasheet
245Kb / 2P
SMD MOLDED HIGH CURRENT POWER INDUCTORS (SHIELDED)
MCS1040 FRONTIER-MCS1040 Datasheet
217Kb / 2P
SMD MOLDED HIGH CURRENT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com