Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OI0707BI-R43H Datasheet(PDF) 1 Page - Frontier Electronics.

Part # OI0707BI-R43H
Description  SMD RF SIGNAL CHOKE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

OI0707BI-R43H Datasheet(HTML) 1 Page - Frontier Electronics.

  OI0707BI-R43H Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OI0707BI Series- SMD RF SIGNAL CHOKE
Rev. A
A. Electrical Specifications:
P/N
Inductance (nH)
Mark
Inductance
Tolerance
Q (Min.)
Test Freq.
OI0707BI-R22_H
220
220
K, J, G
100
40MHz
OI0707BI-R33_H
330
330
K, J, G
100
40MHz
OI0707BI-R24_H
240
240
K, J, G
100
40MHz
OI0707BI-R20_H
200
200
K, J, G
100
40MHz
OI0707BI-R30_H
300
300
K, J, G
100
40MHz
OI0707BI-R43_H
430
430
K, J, G
100
40MHz
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
k
OI0707BI
6.5
(0.256)
6.8
(0.268)
5.0
(0.197)
6.8
(0.268)
5.0
(0.197)
0.95
(0.037)
1.5
(0.059)
7.0
(0.276)
7.0
(0.276)
1.5
(0.059)
Tol.
Max.
±0.5
(0.020)
+1.0(0.039)
-0.5(0.020)
±0.5
(0.020)
+1.0(0.039)
-0.5(0.020)
±0.35
(0.014)
Typ.
Typ.
Typ.
Typ.
C. General Information:
1.
P/N: OI0707BI-xxx_H: “OI0707BI” = Series, “xxx” = Inductance, “_” = Tolerance, “H” =Internal control code.
2.
Tolerance “_” : K
± 10%, J = ± 5%, G = ± 2%.
3.
Operating Temp. : -40ºC to +125ºC.
4.
Inductance measured using the HP4291B or HP4287A.
5.
Q measured using the HP4291B or HP4287A.
6.
Test Fixture: HP16193A.
7.
MSL: Level 1.
D. Applications:
1.
LC filters, for CATV diplex filters.
Frontier Electronics Corp.
®
Page 1 of 1
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - OI0707BI-R43H

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
OI0604DV FRONTIER-OI0604DV Datasheet
110Kb / 1P
SMD RF SIGNAL CHOKE
OI0604DV-R15H FRONTIER-OI0604DV-R15H Datasheet
110Kb / 1P
SMD RF SIGNAL CHOKE
OI0604DV-R18H FRONTIER-OI0604DV-R18H Datasheet
110Kb / 1P
SMD RF SIGNAL CHOKE
OI0604DV-R27H FRONTIER-OI0604DV-R27H Datasheet
110Kb / 1P
SMD RF SIGNAL CHOKE
OI0604DV-R33H FRONTIER-OI0604DV-R33H Datasheet
110Kb / 1P
SMD RF SIGNAL CHOKE
More results

Similar Description - OI0707BI-R43H

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
3361I FRONTIER-3361I Datasheet
132Kb / 1P
RF Signal Choke
logo
Wurth Elektronik GmbH &...
74476601 WURTH-74476601 Datasheet
126Kb / 1P
SMD-RF-Choke WE-GF
74476603 WURTH-74476603 Datasheet
127Kb / 1P
SMD-RF-Choke WE-GF
74476624 WURTH-74476624 Datasheet
127Kb / 1P
SMD-RF-Choke WE-GF
744764039 WURTH-744764039 Datasheet
124Kb / 1P
SMD-RF-Choke WE-GF
744764118 WURTH-744764118 Datasheet
124Kb / 1P
SMD-RF-Choke WE-GF
744764122 WURTH-744764122 Datasheet
124Kb / 1P
SMD-RF-Choke WE-GF
744764147 WURTH-744764147 Datasheet
124Kb / 1P
SMD-RF-Choke WE-GF
744764168 WURTH-744764168 Datasheet
124Kb / 1P
SMD-RF-Choke WE-GF
logo
Frontier Electronics.
OI0604DV FRONTIER-OI0604DV Datasheet
110Kb / 1P
SMD RF SIGNAL CHOKE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com