Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C186EB Datasheet(PDF) 13 Page - Intel Corporation

Part # 80C186EB
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EB Datasheet(HTML) 13 Page - Intel Corporation

Back Button 80C186EB Datasheet HTML 9Page - Intel Corporation 80C186EB Datasheet HTML 10Page - Intel Corporation 80C186EB Datasheet HTML 11Page - Intel Corporation 80C186EB Datasheet HTML 12Page - Intel Corporation 80C186EB Datasheet HTML 13Page - Intel Corporation 80C186EB Datasheet HTML 14Page - Intel Corporation 80C186EB Datasheet HTML 15Page - Intel Corporation 80C186EB Datasheet HTML 16Page - Intel Corporation 80C186EB Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
Table 3 Pin Descriptions
(Continued)
Pin
Pin
Input
Output
Description
Name
Type
Type
States
T0OUT
O
H(Q)
Timer OUTput
pins can be programmed to provide a
single clock or continuous waveform generation
T1OUT
R(1)
depending on the timer mode selected
P(Q)
T0IN
I
A(L)
Timer INput
is used either as clock or control signals
depending on the timer mode selected
T1IN
A(E)
INT0
I
A(EL)
Maskable INTerrupt input will cause a vector to a
specific Type interrupt routine To allow interrupt
INT1
expansion INT0 andor INT1 can be used with
INT4
INTA0 and INTA1 to interface with an external slave
controller
INT2INTA0
IO
A(EL)
H(1)
These pins provide a multiplexed function As inputs
they provide a maskable INTerrupt that will cause
INT3INTA1
R(Z)
the CPU to vector to a specific Type interrupt routine
P(1)
As outputs each is programmatically controlled to
provide an INTERRUPT ACKNOWLEDGE
handshake signal to allow interrupt expansion
P27
IO
A(L)
H(X)
BI-DIRECTIONAL open-drain Port pins
P26
R(Z)
P(X)
CTSO
I
A(L)
Clear-To-Send
input is used to prevent the
transmission of serial data on their respective TXD
P24CTS1
signal pin CTS1 is multiplexed with an input only port
function
TXD0
O
H(X)H(Q)
Transmit Data
output provides serial data
information TXD1 is multiplexed with an output only
P21TXD1
R(1)
Port
function During synchronous serial
P(X)P(Q)
communications TXD will function as a clock output
RXD0
IO
A(L)
R(Z)
Receive Data
input accepts serial data information
RXD1 is multiplexed with an input only Port function
P20RXD1
H(Q)
During synchronous serial communications RXD is
P(X)
bi-directional and will become an output for
transmission or data (TXD becomes the clock)
P25BCLK0
I
A(L)A(E)
Baud CLocK
input can be used as an alternate clock
source for each of the integrated serial channels
P22BCLK1
BCLKx is multiplexed with an input only Port function
and cannot exceed a clock rate greater than one-half
the operating frequency of the processor
P23SINT1
O
H(X)H(Q)
Serial INTerrupt
output will go active to indicate
serial channel 1 requires service SINT1 is
R(0)
multiplexed with an output only Port function
P(X)P(X)
NOTE
Pin names in parentheses apply to the 80C188EB80L188EB
13
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com