Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C188EC13 Datasheet(PDF) 1 Page - Intel Corporation

Part # 80C188EC13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EC13 Datasheet(HTML) 1 Page - Intel Corporation

  80C188EC13 Datasheet HTML 1Page - Intel Corporation 80C188EC13 Datasheet HTML 2Page - Intel Corporation 80C188EC13 Datasheet HTML 3Page - Intel Corporation 80C188EC13 Datasheet HTML 4Page - Intel Corporation 80C188EC13 Datasheet HTML 5Page - Intel Corporation 80C188EC13 Datasheet HTML 6Page - Intel Corporation 80C188EC13 Datasheet HTML 7Page - Intel Corporation 80C188EC13 Datasheet HTML 8Page - Intel Corporation 80C188EC13 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
May 1996
COPYRIGHT
INTEL CORPORATION 1996
Order Number 272434-004
80C186EC80C188EC AND 80L186EC80L188EC
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
X Fully Static Operation
X True CMOS Inputs and Outputs
Y
Integrated Feature Set
Low-Power Static Enhanced 8086
CPU Core
Two Independent DMA Supported
UARTs each with an Integral Baud
Rate Generator
Four Independent DMA Channels
22 Multiplexed IO Port Pins
Two 8259A Compatible
Programmable Interrupt Controllers
Three Programmable 16-Bit Timer
Counters
32-Bit Watchdog Timer
Ten Programmable Chip Selects with
Integral Wait-State Generator
Memory Refresh Control Unit
Power Management Unit
On-Chip Oscillator
System Level Testing Support
(ONCE Mode)
Y
Direct Addressing Capability to 1 Mbyte
Memory and 64 Kbyte IO
Y
Low-Power Operating Modes
Idle Mode Freezes CPU Clocks but
Keeps Peripherals Active
Powerdown Mode Freezes All
Internal Clocks
Powersave Mode Divides All Clocks
by Programmable Prescalar
Y
Available in Extended Temperature
Range (b40 Cto a85 C)
Y
Supports 80C187 Numerics Processor
Extension (80C186EC only)
Y
Package Types
100-Pin EIAJ Quad Flat Pack (QFP)
100-Pin Plastic Quad Flat Pack
(PQFP)
100-Pin Shrink Quad Flat Pack
(SQFP)
Y
Speed Versions Available (5V)
25 MHz (80C186EC2580C188EC25)
20 MHz (80C186EC2080C188EC20)
13 MHz (80C186EC1380C188EC13)
Y
Speed Version Available (3V)
16 MHz (80L186EC1680L188EC16)
13 MHz (80L186EC1380L188EC13)
The 80C186EC is a member of the 186 Integrated Processor Family The 186 Integrated Processor Family
incorporates several different VLSI devices all of which share a common CPU architecture the 80868088
The 80C186EC uses the latest high density CHMOS technology to integrate several of the most common
system peripherals with an enhanced 8086 CPU core to create a powerful system on a single monolithic
silicon die


Similar Part No. - 80C188EC13

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C188EC INTEL-80C188EC Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results

Similar Description - 80C188EC13

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com