Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFD27/006-H Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFD27/006-H
Description  SUBMINIATURE DIP RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD27/006-H Datasheet(HTML) 1 Page - Hongfa Technology

  HFD27/006-H Datasheet HTML 1Page - Hongfa Technology HFD27/006-H Datasheet HTML 2Page - Hongfa Technology HFD27/006-H Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Eicf jiq_l
U_gj_l[nol_ lcm_
Hcf_ Oi5AG8::;?8
Fc_f_]nlc]
mnl_hanb
Tbi]e l_mcmn[h]_
JPOIHC SGMCZ
Hcf_ Oi5AERE7@7797:::@:
7JGUVSJT
KTP@7783 KTP6UT8=@;@ 3 KTP8;7783 PJTCT8?7783 KGER RE 7?7777 EGSUKHKGF
978; S_p5 8578
Hcf_ Oi5AS<77><:=9
975-/
N[r5
Wifn[a_
WFE
:
<
=
@
89
8<
9;
;?
AUGPIGSI UYRJ |-0+OE UQ .0+OE}
:
<
=
@
89
8<
9;
AJPTMUMWJ UYRJ |-++OE}
9E
877g g[r5 0[n 87gC :7gWFE1
CaOc 2 Co jf[n_^
8C 89<WCE3 9C :7WFE
9;7WCE 6 897WFE
9C
89<WC 6 =7X
87gW 87wC
8r87? PQT
Eihn[]n [ll[ha_g_hn
Eihn[]n l_mcmn[h]_
Eihn[]n g[n_lc[f
Eihn[]n l[ncha 0S_m5 fi[^1
N[r5 mqcn]bcha pifn[a_
N[r5 mqcn]bcha ]oll_hn
N[r5 mqcn]bcha jiq_l
Nch5 [jjfc][\f_ fi[^ 81
N_]b[hc][f _h^ol[h]_
Khmof[ncih l_mcmn[h]_
D_nq__h ]icf . ]ihn[]nm
Pj_l[n_ ncg_ 0[n higc5 pifn51
S_f_[m_ ncg_ 0[n higc5 pifn51
Cg\c_hn n_gj_l[nol_
Jogc^cns
Wc\l[ncih l_mcmn[h]_
Hoh]ncih[f
F_mnlo]ncp_
U_lgch[ncih
Vhcn q_cabn
Eihmnlo]ncih
8777N 0[n <77WFE1
8<77WCE 8gch
N3 T nsj_A 8777WCE 8gch
Jnsj_A ><7WCE 8gch
>gm g[r5
;gm g[r5
4;7 ni ?<
<- ni ?<- SJ
87Jt ni <<Jt 85<gg FC
8@=g6m9
@?7g6m9
QED 0FKQ1
Cjjlir5 <a
Qf[mnc] m_[f_^
959<
:5><
;5<7
=5?7
@577
885:
8?57
:=57
75:
75<
75=
75@
859
85<
95;
;5?
:7r08 87-1
@7r08 87-1
8:7r08 87-1
9?7r08 87-1
;<7r08 87-1
=9<r08 87-1
8=77 r 08 87-1
;777 r 08 87-1
;5<
?57
8757
8;5<
8?5<
9957
:<5<
<=57
959<
:5><
;5<7
=5?7
@577
885:
8?57
75:
75<
75=
75@
859
85<
95;
;<r08 87-1
89<r08 87-1
8?7r08 87-1
;7<r08 87-1
>97r08 87-1
889< r 08 87-1
9??7 r 08 87-1
=
87
89
8?
9;
:7
;?
77:4N
77<4N
77=4N
77@4N
7894N
78<4N
79;4N
7;?4N
77:4T
77<4T
77=4T
77@4T
7894T
78<4T
79;4T
AC3<:=:2BC@6 5:? @6;2F
4>=B24B 52B2
4>:;
Eicf
Ei^_
Eicf
Wifn[a_
WFE
Qc]e4oj
Wifn[a_
WFE
g[r5
Flij4ion
Wifn[a_
WFE
gch5
Eicf
S_mcmn[h]_
Eicf
Ei^_
Eicf
Wifn[a_
WFE
Qc]e4oj
Wifn[a_
WFE
g[r5
Flij4ion
Wifn[a_
WFE
gch5
Eicf
S_mcmn[h]_
Jcab T_hmcncp_A Cjjlir5 8<7gX
Tn[h^[l^A Cjjlir5 9?7gX ni <?7gX
=<L g[r5
4>:; 52B2
492@24B6@:AB:4A
T_hmcncp_A Cjjlir5 977gX
] 9 Hilg E ]ih`caol[ncih
] Jcab mqcn]bcha ][j[]cnsA 89<WC6=7X
] N[n]bcha 8= jch KE mi]e_n
] Dc`ol][n_^ ]ihn[]nm
] Gjirs m_[f_^ `il [onig[nc]4q[p_
mif^_lcha [h^ ]f_[hcha
] Ghpclihg_hn[f `lc_h^fs jli^o]n 0SiJT ]igjfc[hn1
] Ponfch_ Fcg_hmcihmA 09759 r 8757 r 885<1 gg
D_nq__h ij_h ]ihn[]nm
N[r5
Wifn[a_
WFE
[n 9:
:?
=QUJT1 81 Ub_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m5
91 VM chmof[ncih msmn_gA Ef[mm C
8r87<PQT 08C 89<WCE3
S_mcmncp_ fi[^3 [n ?<iE3 8m ih @m i``1
Gf_]nlc][f _h^ol[h]_ 91
=QUJT1 81 Nch5 [jjfc][\f_ fi[^ cm l_`_l_h]_ p[fo_5 Qf_[m_ j_l`ilg nb_
]ih`clg[ncih n_mn qcnb nb_ []no[f fi[^ \_`il_ jli^o]ncih mch]_
l_`_l_h]_ p[fo_ g[s ]b[ha_ []]il^cha ni mqcn]bcha `l_ko_h]c_m3
_hpclihg_hn[f ]ih^cncihm [h^ _rj_]n_^ ]ihn[]n l_mcmn[h]_ [h^
l_fc[\cfcns5
91 Gf_]nlc] _h^ol[h]_ ^[n[ [l_ ]iff_]n_^ ch ih_ j[cl EP ]ihn[]n n_mn5


Similar Part No. - HFD27/006-H

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD27/012-S HONGFA-HFD27/012-S Datasheet
59Kb / 3P
2 Form C configuration
logo
List of Unclassifed Man...
HFD27/03-H ETC2-HFD27/03-H Datasheet
59Kb / 3P
SUBMINIATURE DIP RELAY
HFD27/03-M ETC2-HFD27/03-M Datasheet
59Kb / 3P
SUBMINIATURE DIP RELAY
HFD27/03-S ETC2-HFD27/03-S Datasheet
59Kb / 3P
SUBMINIATURE DIP RELAY
HFD27/05-H ETC2-HFD27/05-H Datasheet
59Kb / 3P
SUBMINIATURE DIP RELAY
More results

Similar Description - HFD27/006-H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFD2 ETC-HFD2 Datasheet
41Kb / 3P
SUBMINIATURE DIP RELAY
AZ821 ETC-AZ821 Datasheet
61Kb / 2P
SUBMINIATURE DIP RELAY
JRC-27F ETC1-JRC-27F Datasheet
112Kb / 3P
SUBMINIATURE DIP RELAY
HFD27 ETC2-HFD27 Datasheet
59Kb / 3P
SUBMINIATURE DIP RELAY
AZ821 ETC2-AZ821_05 Datasheet
88Kb / 2P
SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ820 AZETTLER-AZ820 Datasheet
82Kb / 2P
SUBMINIATURE DIP RELAY
AZ822 AZETTLER-AZ822 Datasheet
81Kb / 2P
SUBMINIATURE DIP RELAY
logo
Hongfa Technology
HFD2 HONGFA-HFD2 Datasheet
67Kb / 4P
SUBMINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ822 ZETTLER-AZ822_14 Datasheet
50Kb / 2P
SUBMINIATURE DIP RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK19F EVER-WAY-HK19F Datasheet
239Kb / 3P
SUBMINIATURE DIP RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com