Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC80960HT75SL2GT Datasheet(PDF) 49 Page - Intel Corporation

Part # FC80960HT75SL2GT
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HT75SL2GT Datasheet(HTML) 49 Page - Intel Corporation

Back Button FC80960HT75SL2GT Datasheet HTML 45Page - Intel Corporation FC80960HT75SL2GT Datasheet HTML 46Page - Intel Corporation FC80960HT75SL2GT Datasheet HTML 47Page - Intel Corporation FC80960HT75SL2GT Datasheet HTML 48Page - Intel Corporation FC80960HT75SL2GT Datasheet HTML 49Page - Intel Corporation FC80960HT75SL2GT Datasheet HTML 50Page - Intel Corporation FC80960HT75SL2GT Datasheet HTML 51Page - Intel Corporation FC80960HT75SL2GT Datasheet HTML 52Page - Intel Corporation FC80960HT75SL2GT Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
43
Figure 22. Rise and Fall Time Derating at 85°C and Minimum VCC
Figure 23. ICC Active (Power Supply) vs. Frequency
50pF
100pF
150pF
CL (pF)
5
4
3
2
1
2.0 to 0.8 V
0.8 to 2.0 V
0
CLKIN Frequency (MHz)
200
1800
1600
1400
1200
1000
800
600
400
10
20
30
40
HA
HT
HD
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com