Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C188EC Datasheet(PDF) 35 Page - Intel Corporation

Part # 80C188EC
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EC Datasheet(HTML) 35 Page - Intel Corporation

Back Button 80C188EC Datasheet HTML 31Page - Intel Corporation 80C188EC Datasheet HTML 32Page - Intel Corporation 80C188EC Datasheet HTML 33Page - Intel Corporation 80C188EC Datasheet HTML 34Page - Intel Corporation 80C188EC Datasheet HTML 35Page - Intel Corporation 80C188EC Datasheet HTML 36Page - Intel Corporation 80C188EC Datasheet HTML 37Page - Intel Corporation 80C188EC Datasheet HTML 38Page - Intel Corporation 80C188EC Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
80C186EC188EC 80L186EC188EC
AC Characteristics80L186EC16 (Continued)
NOTES
1 See AC Timing Waveforms for waveforms and definition
2 Measure at VIH for high time VIL for low time
3 Only required to guarantee ICC Maximum limits are bounded by TC TCH and TCL
4 Specified for a 50 pF load see Figure 14 for capacitive derating information
5 Specified for a 50 pF load see Figure 15 for rise and fall times outside 50 pF
6 See Figure 15 for rise and fall times
7 TCHOV1 applies to BHE (RFSH) LOCK and A1916 only after a HOLD release
8 TCHOV2 applies to RD and WR only after a HOLD release
9 Setup and Hold are required to guarantee recognition
10 Setup and Hold are required for proper operation
Relative Timings (80C186EC-252013 80L186EC-1613)
Symbol
Parameter
Min
Max
Unit
Notes
RELATIVE TIMINGS
TLHLL
ALE Active Pulse Width
T b 15
ns
TAVLL
AD Valid Setup before ALE Falls
T b 10
ns
TPLLL
Chip Select Valid before ALE Falls
T b 10
ns
1
TLLAX
AD Hold after ALE Falls
T b 10
ns
TLLWL
ALE Falling to WR Falling
T b 15
ns
1
TLLRL
ALE Falling to RD Falling
T b 15
ns
1
TWHLH
WR Rising to Next ALE Rising
T b 10
ns
1
TAFRL
AD Float to RD Falling
0
ns
TRLRH
RD Active Pulse Width
2T b 5ns
2
TWLWH
WR Active Pulse Width
2T b 5ns
2
TRHAX
RD Rising to Next Address Active
T b 15
ns
TWHDX
Output Data Hold after WR Rising
T b 15
ns
TWHPH
WR Rise to Chip Select Rise
T b 10
ns
1
TRHPH
RD Rise to Chip Select Rise
T b 10
ns
1
TPHPL
Chip Select Inactive to Next Chip
T b 10
ns
1
Select Active
TOVRH
ONCE Active Setup to RESIN Rising
T
ns
TRHOX
ONCE Hold after RESIN Rise
T
ns
TIHIL
INTA High to Next INTA Low
4T b 5ns
4
during INTA Cycle
TILIH
INTA Active Pulse Width
2T b 5ns
2 4
TCVIL
CAS20 Setup before 2nd INTA
8T
ns
2 4
Pulse Low
TILCX
CAS20 Hold after 2nd INTA Pulse Low
4T
ns
2 4
TIRES
Interrupt Resolution Time
150
ns
3
TIRLH
IR Low Time to Reset Edge Detector
50
ns
TIRHIF
IR Hold Time after 1st INTA Falling
25
ns
4 5
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com