Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFE12-F120/12-DT2-R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFE12-F120/12-DT2-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE12-F120/12-DT2-R Datasheet(HTML) 1 Page - Hongfa Technology

  HFE12-F120/12-DT2-R Datasheet HTML 1Page - Hongfa Technology HFE12-F120/12-DT2-R Datasheet HTML 2Page - Hongfa Technology HFE12-F120/12-DT2-R Datasheet HTML 3Page - Hongfa Technology HFE12-F120/12-DT2-R Datasheet HTML 4Page - Hongfa Technology HFE12-F120/12-DT2-R Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
@UYMX4 3@= <9L9 K@GOF 9:GN= 9J= AFALA9D N9DM=Kh
1=E9JCt{D=;LJA;9D =F<MJ9F;= E==L *{ypljoogmk L=KL J=IMAJ=E=FLf <G
L@= AF<M;LAN= DG9< L=KL 9>L=J L@= J=KAKLAN= DG9< L=KLh
.FDQ KGE= LQHA;9D J9LAF?K G> 4y 9J= DAKL=< 9:GN=f A> EGJ= KH=;A9D
J9LAF?K J=IMAJ=<f HD=9K= ;GFL9;L MKh
-GL=Kt ckd 3QHA;9D N9DM=t 29EHDAF? IM9FLALQ >GJ ;GFL9;L J=KAKL9F;= K@9DD FGL D=KK L@9F
lj H;Kf L9C= L@= 9N=J9?= N9DM= >JGE o ;GFLAFGMK E=9KMJ=E=FLK >GJ =9;@
K9EHD=h
rr
:MJYZWMX
~.-}|w 1{+w8
*2.sjjkf *2.i32kpsns f *2.knjjkf .~2w2krjjkf *{y00y jrjjjj y{13*|*{z
yGFL9;L 9JJ9F?=E=FL
2@G;C
J=KAKL9F;=
ljkm 1=Nh khjj
|AD= -Ght y0ykljjljrpmso
?=@=5EFC9 <=;< BAH9C >5E7<=@; C9>5I
7<5C57E9C=DE=7D
7A@E57E 85E5
yGFL9;L E9L=JA9D
yGFL9;L J9LAF? c1=Kh DG9<d
,9Ph KOAL;@AF? NGDL9?=
,9Ph KOAL;@AF? ;MJJ=FL
,9Ph KOAL;@AF? HGO=J
,=;@9FA;9D =F<MJ9F;=
*FKMD9LAGF J=KAKL9F;=
x=LO==F ;GAD a ;GFL9;LK
x=LO==F GH=F ;GFL9;LK
yJ==H9?= <AKL9F;=
.H=J9L= LAE= c9L FGEAh NGDLhd
1=D=9K= LAE= c9L FGEAh NGDLhd
|MF;LAGF9D
z=KLJM;LAN=
5A:J9LAGF J=KAKL9F;=
~MEA<ALQ
wE:A=FL L=EH=J9LMJ=
3=JEAF9LAGF
4FAL O=A?@L
yGFKLJM;LAGF
yGAD HGO=J
2AF?D= ;GAD D9L;@AF?twHHJGPh lhn6
zGM:D= ;GADK D9L;@AF?twHHJGPh nhr6
7A=>
<:9./
zA=D=;LJA;
KLJ=F?L@
2AF?D= ;GAD
D9L;@AF?
zGM:D= ;GADK
D9L;@AF?
2=L i 1=K=L
5GDL9?=
5zy
E9Ph
p
s
kl
ln
nr
p
s
kl
ln
nr
nhr
qhl
shp
kshl
mrhn
nhr
qhl
shp
kshl
mrhn
yGAD 1=KAKL9F;=
P ck kj`d
7A=> 85E5
-GEAF9D
5GDL9?=
5zy
/MDK=
zMJ9LAGF
EK
EAFh
9L lm
qo
qo
qo
qo
qo
qo
qo
qo
qo
qo
^ +9L;@AF? J=D9Q
^ kljw KOAL;@AF? ;9H9:ADALQ 9L 1=KhDG9<
^ w;;GJ<AF? LG L@= >9MDL ;MJJ=FL 9F< =D=;LJA;9D DA>= L=KL
G> *{y pljoogmkt 4ykf 4ylf 4ym cHD=9K= K==
:=DGO L9:D= 9F< FGL=Kld
^ ~=9NQ DG9< MH LG mmhlnC5w
^ nC5 <A=D=;LJA; KLJ=F?L@
c:=LO==F ;GAD 9F< ;GFL9;LKd
^ {FNAJGFE=FL9D >JA=F<DQ HJG<M;L c1G~2 ;GEHDA9FLd
kjjj, c9L ojj5zyd
njjj5wy kEAF
ljjj5wy kEAF
rEE
ljEK E9Ph
ljEK E9Ph
srEiKl
srjEiKl
kj~R LG oo~R khoEE zw
o` LG ro` 1~
gnj LG qj
0y
wHHJGPhro?
zMKL HJGL=;L=<
kwf kx
w?2F.l
kljw lqq5wy ilr5zy
nnj5wy
kljw
mmlnj5w immpj6
k P kjo./2
3QHhtjhmoE E9Phc9L kjjwd ckd
yGFL9;L J=KAKL9F;=
kp
mn
pj
loj
kjjj
rer
kqekq
mjemj
kloeklo
ojjeojj
9>97EC=75> 9@8FC5@79
rjw
llj5wy
rjw
kjjw
y.2Vv
k
y.2Vv
jhn
y.2Vv
k
y.2Vv
jho
y.2Vv
k
y.2Vv
jho
y.2Vv
k
y.2Vv
jho
mjjj
mjjj
ojjj
ojjj
ojjj
ojjj
ojjj
ojjj
4y
yD9KK
5GDL9?=
c4;d
yDGK=
.H=F LAE=
cKd
/GO=J
|9;LGJ
{D=;LJA;9D =F<MJ9F;=
c./2d
kjtlj
yMJJ=FL
c*;d
kjw
3GL9Dtpjjj
3GL9Dtkjjjj
3GL9Dtkjjjj
3GL9Dtkjjjj
nko
c4ykd
nkp
c4yld
nkq
c4ymd
kljw
-*+t
c4ymd


Similar Part No. - HFE12-F120/12-DT2-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE12-C-120/12-D-T-2-R HONGFA-HFE12-C-120/12-D-T-2-R Datasheet
116Kb / 5P
MINIATURE HIGH POWER LATCHING RELAY
More results

Similar Description - HFE12-F120/12-DT2-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
JE10 HONGFA-JE10 Datasheet
68Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE20 HONGFA-HFE20 Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE9 HONGFA-HFE9 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE21 HONGFA-HFE21 Datasheet
160Kb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
62Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
58Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
67Kb / 5P
MINIATURE HIGH POWER LATCHING RELAY
HF166F HONGFA-HF166F Datasheet
59Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE10-L HONGFA-HFE10-L Datasheet
53Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com