Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5305ARM Datasheet(PDF) 11 Page - Analog Devices

Part # AD5305ARM
Description  2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5305ARM Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5305ARM Datasheet HTML 7Page - Analog Devices AD5305ARM Datasheet HTML 8Page - Analog Devices AD5305ARM Datasheet HTML 9Page - Analog Devices AD5305ARM Datasheet HTML 10Page - Analog Devices AD5305ARM Datasheet HTML 11Page - Analog Devices AD5305ARM Datasheet HTML 12Page - Analog Devices AD5305ARM Datasheet HTML 13Page - Analog Devices AD5305ARM Datasheet HTML 14Page - Analog Devices AD5305ARM Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5305/AD5315/AD5325
Rev. G | Page 11 of 24
600
0
500
100
200
300
400
VDD (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
–40°C
+105°C
+25°C
Figure 16. Supply Current vs. Supply Voltage
0.5
0
0.4
0.1
0.2
0.3
VDD (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
–40°C
+105°C
+25°C
Figure 17. Power-Down Current vs. Supply Voltage
750
450
550
650
VLOGIC (V)
01
2
34
5
TA = 25°C
VDD = 5V
VDD = 3V
DECREASING
INCREASING
Figure 18. Supply Current vs. Logic Input Voltage for SDA and SCL
Voltage Increasing and Decreasing
CH1
CH2
SCL
CH1 1V, CH2 5V, TIME BASE = 1µs/DIV
TA = 25°C
VDD = 5V
VREF = 5V
VOUTA
Figure 19. Half-Scale Settling (1/4 to 3/4 Scale Code Change)
CH1 2V, CH2 200mV, TIME BASE = 200µs/DIV
CH1
CH2
TA = 25°C
VDD = 5V
VREF = 2V
VOUTA
VDD
Figure 20. Power-On Reset to 0 V
CH1 500mV, CH2 5V, TIME BASE = 1µs/DIV
CH1
CH2
VOUTA
TA = 25°C
VDD = 5V
VREF = 2V
SCL
Figure 21. Exiting Power-Down to Midscale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com