Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83C196LC Datasheet(PDF) 13 Page - Intel Corporation

Part # 83C196LC
Description  CHMOS 16-BIT MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C196LC Datasheet(HTML) 13 Page - Intel Corporation

Back Button 83C196LC Datasheet HTML 9Page - Intel Corporation 83C196LC Datasheet HTML 10Page - Intel Corporation 83C196LC Datasheet HTML 11Page - Intel Corporation 83C196LC Datasheet HTML 12Page - Intel Corporation 83C196LC Datasheet HTML 13Page - Intel Corporation 83C196LC Datasheet HTML 14Page - Intel Corporation 83C196LC Datasheet HTML 15Page - Intel Corporation 83C196LC Datasheet HTML 16Page - Intel Corporation 83C196LC Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ADVANCE INFORMATION
13
AUTOMOTIVE — 83C196LC, 83C196LD
C
S
Pin capacitance
(any pin to V
SS)
10
pF
F
TEST = 1.0 MHz
R
WPU
Weak pullup resistance
(approximate)
150K
Ω
(Note 6)
Table 6. DC Characteristics at V
CC = 4.5V – 5.5V (Continued)
Symbol
Parameter
Min
Typical
Max
Units
Test Conditions
NOTES:
1.
All bidirectional pins except CLKOUT. CLKOUT is not pulled weakly high in reset. Bidirectional pins
include ports 1–6.
2.
Standard input pins include XTAL1, EA#, RESET#, P0.7:2, and ports 1–6 when configured as inputs.
3.
All bidirectional pins when configured as complementary outputs.
4.
Device is static and should operate below 1 Hz, but is only tested down to 4 MHz.
5.
Maximum I
OLor IOH currents per pin will be characterized and published at a later date. Target values
are ± 10 mA.
6.
Typicals are based on a limited number of samples and are not guaranteed. The values listed are at
room temperature and V
CC = 5.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com