Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C196MH Datasheet(PDF) 13 Page - Intel Corporation

Part # 80C196MH
Description  INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C196MH Datasheet(HTML) 13 Page - Intel Corporation

Back Button 80C196MH Datasheet HTML 9Page - Intel Corporation 80C196MH Datasheet HTML 10Page - Intel Corporation 80C196MH Datasheet HTML 11Page - Intel Corporation 80C196MH Datasheet HTML 12Page - Intel Corporation 80C196MH Datasheet HTML 13Page - Intel Corporation 80C196MH Datasheet HTML 14Page - Intel Corporation 80C196MH Datasheet HTML 15Page - Intel Corporation 80C196MH Datasheet HTML 16Page - Intel Corporation 80C196MH Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
®
13
BHE#
O
Byte High Enable. During 16-bit bus cycles, this active-low
output signal is asserted for word reads and writes and for
high-byte reads and writes to external memory. BHE#
indicates that valid data is being transferred over the upper
half of the system address/data bus.
BHE#, in conjunction with A0, selects the memory byte to be
accessed:
BHE#
A0
Byte(s) Accessed
0
0
both bytes
0
1
high byte only
1
0
low byte only
P5.5/WRH#
BUSWIDTH
I
Bus Width. When enabled in the chip configuration register,
this active-high input signal dynamically selects the bus width
of the bus cycle in progress. When BUSWIDTH is high, a 16-
bit bus cycle occurs; when BUSWIDTH is low, an 8-bit bus
cycle occurs. BUSWIDTH is active during a CCR fetch.
P5.7
COMP3
COMP2
COMP1
COMP0
O
Event Processor Array (EPA) Compare Pins. These
signals are the output of the EPA compare modules. These
pins are multiplexed with other signals and may be
configured as standard I/O.
P2.3
P2.6/CPVER
P2.5/PACT#
P2.4/AINC#
CPVER
O
Cumulative Program Verification. This active-high output
signal indicates whether any verify errors have occurred
since the device entered programming mode. CPVER
remains high until a verify error occurs, at which time it is
driven low. Once an error occurs, CPVER remains low until
the device exits programming mode. When high, CPVER
indicates that all locations have programmed correctly since
the device entered programming mode.
P2.6/COMP2
EA#
I
External Access. This active-low input signal directs
memory accesses to on-chip or off-chip memory. If EA# is
low, the memory access is off-chip. If EA# is high and the
memory address is within 2000H–2FFFH, the access is to
on-chip ROM or OTPROM. Otherwise, an access with EA#
high is to off-chip memory.
EA# is sampled only on the rising edge of RESET#.
If EA# = V
EA on the rising edge of RESET#, the device enters
the programming mode selected by PMODE.3:0.
For devices without ROM, EA# must be tied low.
—
EPA1
EPA0
I/O
Event Processor Array (EPA) Input/Output pins. These
are the high-speed input/output pins for the EPA
capture/compare modules. These pins are multiplexed with
other signals and may be configured as standard I/O.
P2.2/PROG#
P2.0/PVER
Table 7. Signal Descriptions (Continued)
Signal
Name
Type
Description
Multiplexed
With



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com