Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S83C196MC Datasheet(PDF) 22 Page - Intel Corporation

Part # S83C196MC
Description  INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S83C196MC Datasheet(HTML) 22 Page - Intel Corporation

Back Button S83C196MC Datasheet HTML 14Page - Intel Corporation S83C196MC Datasheet HTML 15Page - Intel Corporation S83C196MC Datasheet HTML 16Page - Intel Corporation S83C196MC Datasheet HTML 17Page - Intel Corporation S83C196MC Datasheet HTML 18Page - Intel Corporation S83C196MC Datasheet HTML 19Page - Intel Corporation S83C196MC Datasheet HTML 20Page - Intel Corporation S83C196MC Datasheet HTML 21Page - Intel Corporation S83C196MC Datasheet HTML 22Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
8XC196MC
87C196MC DESIGN
CONSIDERATIONS
When an indirect shift during divide occurs the upper
3 bits of the shift count are not masked completely
If the shift count register has the value 32 n where n
e
1 3 5 or 7 the operand will be shifted 32 times
This should have resulted in no shift taking place
DATA SHEET REVISION HISTORY
This data sheet (270946-004) is valid for devices
with a ‘‘B’’ at the end of the topside tracking number
Data sheets are changed as new device information
becomes available Verify with your local Intel sales
office that you have the latest version before finaliz-
ing a design or ordering devices
The following important differences exist between
this data sheet (270946-002) and the previous ver-
sion (270946-003)
1 The data sheet was reorganized to standard for-
mat
2 Added 83C196MC device
3 Added package thermal characteristics
4 Added note on missing pins on SDIP package
5 Removed SFR maps (now in user’s manual)
6 Added note on TLLYV and TLLGV specifications
7 Changed 10-bit mode TCONV (MIN) to 100 ms
from 150 ms
8 Changed 10-bit mode TCONV (MAX) to 200 ms
from 180 ms
9 Changed VREF (MIN) in 8- and 10-bit mode to
40V from 45V
The following important differences exist between
data sheet 270946-003 and the previous version
(270946-002)
1 The data sheet title was changed to better reflect
the purpose of the 87C196MC as an AC Inverter
DC Brushless Motor Control Microcontroller
2 The standard temperature range for this part now
covers b40 Cto a85 C
3 EXTINT
function
description
now
includes
WG
PROTECT (1FCEH) as the name and ad-
dress of the register used to select positiveneg-
ative or highlow detection for EXTINT
4 The memory range 01F00H – 01FBFH was added
to the SFR map as RESERVED
5 IIL changed from b60 mAto b70 mA
6 IREF changed from 5 mA to 2 mA maximum and
the typical specification was removed
7 The READY description of the READY TIMINGS
(One Wait State) graphic was modified to denote
the shifting of the leading edge of READY versus
frequency At 16 MHz the falling edge of READY
occurs before the falling edge of ALE
8 AC
Testing
Input
Output
Waveform
was
changed to reflect inputs driven at 35V for a
Logic ‘‘1’’ and 45V for a Logic ‘‘0’’ and timing
measurements made at 20V for a Logic ‘‘1’’
and 08V for a Logic ‘‘0’’
9 Float Waveform was changed from IOL IOH e
g
15 mA to IOL IOH s g15 mA
10 AD
TIME register for 10-bit conversions was
changed from 0C7H to 0D8H The number of
sample time states was changed from 24 to 25
states the conversion time states was changed
from 80 to 240 states and the total conversion
time for AD
TIME e D8H replaced the total
conversion time for AD
TIME e C7H
11 The number of sample time states for an 8-bit
conversion was changed from 20 states to 21
states
12 There is a single entry in the ERRATA section of
this version of the data sheet concerning the
results of an indirect shift during divide
The following important differences exist between
this data sheet (270946-002) and the previous ver-
sion (270946-001)
1 TA Ambient Temperature Under Bias Min
changed from b20 Cto b40 C
2 IREF AD Conversion Reference Current Max
changed from 5 mA to 2 mA
3 Testing levels changed from TTL values to
CMOS values
4 AD Input Series Resistance Max changed from
12 KX to 2 KX
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com