Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S80C196MH Datasheet(PDF) 22 Page - Intel Corporation

Part # S80C196MH
Description  INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C196MH Datasheet(HTML) 22 Page - Intel Corporation

Back Button S80C196MH Datasheet HTML 18Page - Intel Corporation S80C196MH Datasheet HTML 19Page - Intel Corporation S80C196MH Datasheet HTML 20Page - Intel Corporation S80C196MH Datasheet HTML 21Page - Intel Corporation S80C196MH Datasheet HTML 22Page - Intel Corporation S80C196MH Datasheet HTML 23Page - Intel Corporation S80C196MH Datasheet HTML 24Page - Intel Corporation S80C196MH Datasheet HTML 25Page - Intel Corporation S80C196MH Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
®
22
Figure 6. I
CC, IIDLE versus Frequency
Table 9. Total Current Limits During Normal (Non-transient) Conditions
Signal Names
Maximum I
OL Limits
Maximum I
OH Limits
Port 1
25 mA
– 25 mA
Port 2, P6.6, P6.7
40 mA
– 40 mA
Port 3
40 mA
– 30 mA
Port 4
40 mA
– 30 mA
Port 5
40 mA
– 30 mA
P6.5:0
40 mA
– 30 mA
A2711-01
Frequency (MHz)
ICC
(mA)
04
10
16
0
10
20
30
40
50
60
70
IIDLE Max
ICC Max
ICC Typ
IIDLE Typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com