Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8XC51SL Datasheet(PDF) 21 Page - Intel Corporation

Part # 8XC51SL
Description  LOW VOLTAGE 8XC51SL KEYBOARD CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC51SL Datasheet(HTML) 21 Page - Intel Corporation

Back Button 8XC51SL Datasheet HTML 15Page - Intel Corporation 8XC51SL Datasheet HTML 16Page - Intel Corporation 8XC51SL Datasheet HTML 17Page - Intel Corporation 8XC51SL Datasheet HTML 18Page - Intel Corporation 8XC51SL Datasheet HTML 19Page - Intel Corporation 8XC51SL Datasheet HTML 20Page - Intel Corporation 8XC51SL Datasheet HTML 21Page - Intel Corporation 8XC51SL Datasheet HTML 22Page - Intel Corporation 8XC51SL Datasheet HTML 23Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
8XC51SLLOW VOLTAGE 8XC51SL
AD CHARACTERISTICS
The 51SL includes a four-channel 8-bit AD con-
verter This AD with eight bits of accuracy uses
successive approximation with a switch capacitor
comparator It is designed to be used for sampling
static analog signals (ie
ideally suited for power
management tasks such as battery voltage monitor-
ing etc) The nominal conversion rate is 20 msat
16 MHz The analog high and low voltage refer-
ences are connected to AVREF and AVGND re-
spectively The four input channels AIN0 – 3 are
connected from the package pins unbuffered to an
analog multiplexer (on-chip) The absolute conver-
sion accuracy is dependent upon the accuracy of
AVREF The specifications given assume adherence
to the operating conditions section of this data sheet
Testing is done at AVREF e 512V and VCC e 50V
for the 8XC51SL and at AVREF e 32V and VCC e
33V for the Low Voltage 8XC51SL
OPERATING CONDITIONS
VCC
8XC51SL
45V to 55V
Low Voltage 8XC51SL
30V to 36V
AVREF
8XC51SL
45V to 55V
Low Voltage 8XC51SL
30V to 36V
VSS AVSS
0V
AIN0 – 3
AVSS to AVREF
TA
0 Cto a70 C Ambient
FOSC
2 MHz to 16 MHz
AD CONVERTER SPECIFICATIONS (Over Operating Conditions)
Parameter
Min
Typ
Max
Units
Resolution
255
256
Levels
8
8
Bits
Absolute Error
0
g
1
LSB
Full Scale Error
g
1
LSB
Zero Offset Error
g
1
LSB
Non-Linearity Error
0
g
1
LSB
Differential Non-Linearity Error
0
g
1
LSB
Channel to Channel Matching
0
g
1
LSB
Repeatability
g
025
LSB
Temperature Coefficients
Offset
0003
LSB C
Full Scale
0003
LSB C
Differential Non-Linearity
0003
LSB C
Off Isolation
b
60
dB
Feedthrough
b
60
dB
VCC Power Supply Rejection
b
60
dB
Input Resistance
750
12K
X
Input Capacitance
3
pF
DC Input Leakage
0
30
m
A
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com