Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M80C86 Datasheet(PDF) 3 Page - Intel Corporation

Part # M80C86
Description  16-BIT CHMOS MICROPROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C86 Datasheet(HTML) 3 Page - Intel Corporation

  M80C86 Datasheet HTML 1Page - Intel Corporation M80C86 Datasheet HTML 2Page - Intel Corporation M80C86 Datasheet HTML 3Page - Intel Corporation M80C86 Datasheet HTML 4Page - Intel Corporation M80C86 Datasheet HTML 5Page - Intel Corporation M80C86 Datasheet HTML 6Page - Intel Corporation M80C86 Datasheet HTML 7Page - Intel Corporation M80C86 Datasheet HTML 8Page - Intel Corporation M80C86 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
M80C86M80C86-2
Table 1 Pin Description
(Continued)
Symbol
Pin No
Type
Name and Function
RD
32
O
READ
Read strobe indicates that the processor is performing a
memory of IO read cycle depending on the state of the S2 pin
This signal is used to read devices which reside on the M80C86
local bus RD is active LOW during T2 T3 and TW of any read cycle
and is guaranteed to remain HIGH in T2 until the M80C86 local bus
has floated
This floats to 3-state OFF in ‘‘hold acknowledge’’
READY
22
I
READY
is the acknowledgement from the addressed memory or
IO device that it will complete the data transfer The READY signal
from memoryIO is synchronized by the M82C84A Clock Generator
to form READY This signal is active HIGH The M80C86 READY
input is not synchronized Correct operation is not guaranteed if the
setup and hold times are not met
INTR
18
I
INTERRUPT REQUEST
is a level triggered input which is sampled
during the last clock cycle of each instruction to determine if the
processor should enter into an interrupt acknowledge operation A
subroutine is vectored to via an interrupt vector lookup table
located in system memory It can be internally masked by software
resetting the interrupt enable bit INTR is internally synchronized
This signal is active HIGH
TEST
23
I
TEST
input is examined by the ‘‘Wait’’ instruction If the TEST input
is LOW execution continues otherwise the processor waits in an
‘‘Idle’’ state This input is synchronized internally during each clock
cycle on the leading edge of CLK
NMI
17
I
NON-MASKABLE INTERRUPT
an edge triggered input which
causes a type 2 interrupt A subroutine is vectored to via an
interrupt vector lookup table located in system memory NMI is not
maskable internally by software A transition from a LOW to HIGH
initiates the interrupt at the end of the current instruction This input
is internally synchronized
RESET
21
I
RESET
causes the processor to immediately terminate its present
activity The signal must be active HIGH for at least four clock
cycles It restarts execution as described in the Instruction Set
description when RESET returns LOW RESET is internally
synchronized
CLK
19
I
CLOCK
provides the basic timing for the processor and bus
controller It is asymmetric with a 33% duty cycle to provide
optimized internal timing
VCC
40
VCC a5V power supply pin
GND
1 20
GROUND
Both must be connected
MNMX
33
I
MINIMUMMAXIMUM
indicates what mode the processor is to
operate in The two modes are discussed in the following sections
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com