Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82C288 Datasheet(PDF) 2 Page - Intel Corporation

Part # 82C288
Description  BUS CONTROLLER FOR M80286 PROCESSORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82C288 Datasheet(HTML) 2 Page - Intel Corporation

  82C288 Datasheet HTML 1Page - Intel Corporation 82C288 Datasheet HTML 2Page - Intel Corporation 82C288 Datasheet HTML 3Page - Intel Corporation 82C288 Datasheet HTML 4Page - Intel Corporation 82C288 Datasheet HTML 5Page - Intel Corporation 82C288 Datasheet HTML 6Page - Intel Corporation 82C288 Datasheet HTML 7Page - Intel Corporation 82C288 Datasheet HTML 8Page - Intel Corporation 82C288 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
M82C288
Table 1 Pin Description
The following pin function descriptions are for the M82C288 bus controller
Symbol Type
Name and Function
CLK
I
SYSTEM CLOCK
provides the basic timing control for the M82C288 in an M80286
microsystem Its frequency is twice the internal processor clock frequency The falling edge
of this input signal establishes when inputs are sampled and command and control outputs
change
S0 S1
I
BUS CYCLE STATUS
starts a bus cycle and along with MIO defines the type of bus
cycle These inputs are active LOW A bus cycle is started when either S1 or S0 is sampled
LOW at the falling edge of CLK Setup and hold times must be met for proper operation
M80286 Bus Cycle Status Definition
MIO
S1
S0
Type of Bus Cycle
0
0
0
Interrupt Acknowledge
0
0
1
IO Read
0
1
0
IO Write
0
1
1
None Idle
1
0
0
Halt or Shutdown
1
0
1
Memory Read
1
1
0
Memory Write
1
1
1
None Idle
MIO
I
MEMORY OR IO SELECT
determines whether the current bus cycle is in the memory
space or IO space When LOW the current bus cycle is in the IO space Setup and hold
times must be met for proper operation
MB
I
MULTIBUS MODE SELECT
determines timing of the command and control outputs When
HIGH the bus controller operates with MULTIBUS I compatible timings When LOW the
bus controller optimizes the command and control output timing for short bus cycles The
function of the CENAEN input pin is selected by this signal This input is typically a
strapping option and not dynamically changed
CENL
I
COMMAND ENABLE LATCHED
is a bus controller select signal which enables the bus
controller to resopnd to the current bus cycle being initiated CENL is an active HIGH input
latched internally at the end of each TS cycle CENL is used to select the appropriate bus
controller for each bus cycle in a system where the CPU has more than one bus it can use
This input may be connected to VCC to select this M82C288 for all transfers No control
inputs affect CENL Setup and hold times must be met for proper operation
CMDLY
I
COMMAND DELAY
allows delaying the start of a command CMDLY is an active HIGH
input If sampled HIGH the command output is not activated and CMDLY is again sampled
at the next CLK cycle When sampled LOW the selected command is enabled If READY is
detected LOW before the command output is activated the M82C288 will terminate the bus
cycle even if no command was issued Setup and hold times must be satisified for proper
operation This input may be connected to GND if no delays are required before starting a
command This input has no effect on M82C288 control outputs
READY
I
READY
indicates the end of the current bus cycle READY is an active LOW input
MULTIBUS I mode requires at least one wait state to allow the command outputs to
become active READY must be LOW during reset to force the M82C288 into the idle state
Setup and hold times must be met for proper operation The M82C284 drives READY LOW
during RESET
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com