Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFE-9 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # SFE-9
Description  Automotive Glass Fuses Fast-Acting Fast-Acting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SFE-9 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  SFE-9 Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Automotive Glass Fuses
SFE
Fast-Acting
32 Volts, 4–30 Amps
Form No. SFE
Page 1 of 1
BIF Doc #2059
Bussmann®
12-28-98
SB98107
Rev. A
CATALOG SYMBOL: SFE
FAST-ACTING
4 TO 30 AMPERES
32 VOLTS OR LESS
U.L. LISTED
(GUIDE #FHXT, FILE #AU169)
0.25"
A
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled. This bulletin is intended to
clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any
products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been select-
ed, it should be tested by the user in all possible applications.
100
10
1
.1
.01
CURRENT IN AMPERES
AMPERE
RATING
Time-Current Characteristics–Total Clear
Dimensional Data
32 Volts
Catalog
“A”
Symbol &
Length
Amps
Inches
mm
SFE-4
5/8
15.9
SFE-6
3/4
19.0
SFE-7-1/2
7/8
22.2
SFE-9
7/8
22.2
SFE-14
1-1/16
27.0
SFE-20
1-1/4
31.7
SFE-30
1-7/16
36.5
• For automotive circuits.
• Visual indicating glass tubing.
• Made to SAE specifications.
• Physical size varies with electrical rating of fuse to prevent
over-fusing.
• For mounting in in-line holders, and 1/4” clips.
In-line Fuseholders
Catalog Number
Wire
Fuse &
Holder Only
Length
Fuse
Holder (w/leads)
(No Leads)
SFE-20
HRJ
*HHJ-A, HHJ-B
19”
SFE-14
HRI
*HHI-A, HHI-B
(#14
SFE-9
HRH
HHH-A
Wire)
SFE-7-1/2
HRE
HHH-A
SFE-6
HRG
HIG-A
SFE-4
HRF
HIR-A
SFE-20
HMJ
*HDJ-A, HDJ-B
8”
SFE-14
HMI
*HDI-A, HDI-B
(#14
SFE-9
HMH
—
Wire)
SFE-7-1/2
HME
—
SFE-6
HMG
—
SFE-4
HMF
—
*-A: Crimp connections for #18 - #22 wire.
-B: Crimp connections for #12 - #16 wire.
Carton Quantity and Weight
Ampere
Carton
Weight*
Ratings
Qty
Lbs.
Kg.
SFE-4
100
0.73
0.331
SFE-6
100
0.75
0.340
SFE-7-1/2
100
0.80
0.363
SFE-9
100
0.80
0.363
SFE-14
100
0.82
0.372
SFE-20
100
0.87
0.395
SFE-30
100
1.60
0.762
* Weight per carton.


Similar Part No. - SFE-9

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
SFE-9 EATON-SFE-9 Datasheet
271Kb / 1P
Automotive fast-acting glass fuse
More results

Similar Description - SFE-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
logo
Tyco Electronics
651855 MACOM-651855 Datasheet
337Kb / 6P
Fast-Acting Chip Fuses
logo
Cooper Bussmann, Inc.
GMW-1100 COOPER-GMW-1100 Datasheet
29Kb / 1P
Specialty Fuses Fast-Acting
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
Fast-Acting Ferrule Fuses
logo
Protek Devices
PF0402F200 PROTEC-PF0402F200 Datasheet
476Kb / 6P
Fast acting chip fuses
logo
Cooper Bussmann, Inc.
SS-5FH-3.15A COOPER-SS-5FH-3.15A Datasheet
1Mb / 4P
Subminiature fast-acting fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
fast-acting fuses
MIC-1 ETC1-MIC-1 Datasheet
375Kb / 2P
fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
SFE EATON-SFE Datasheet
271Kb / 1P
Automotive fast-acting glass fuse
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
Fast Acting SMD Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com