Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3223E Datasheet(PDF) 13 Page - Exar Corporation

Part # SP3223E
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3223E Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP3223E Datasheet HTML 9Page - Exar Corporation SP3223E Datasheet HTML 10Page - Exar Corporation SP3223E Datasheet HTML 11Page - Exar Corporation SP3223E Datasheet HTML 12Page - Exar Corporation SP3223E Datasheet HTML 13Page - Exar Corporation SP3223E Datasheet HTML 14Page - Exar Corporation SP3223E Datasheet HTML 15Page - Exar Corporation SP3223E Datasheet HTML 16Page - Exar Corporation SP3223E Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3223E/EB/EU_0_06272
AUTO ON-LINE® Circuitry
The
SP3223 device has AUTO ON-LINE®
circuitry on board that saves power in ap-
plications such as laptop computers, PDA's,
and other portable systems.
The
SP3223 device incorporates an AUTO
ON-LINE® circuit that automatically enables
itselfwhentheexternaltransmitterisenabled
and the cable is connected. Conversely,
the
AUTO ON-LINE® circuit also disables
most of the internal circuitry when the device
is not being used and goes into a standby
mode where the device typically draws µA.
This function is externally controlled by the
ONLINE pin. When this pin is tied to a logic
LOW, the
AUTO ON-LINE® function is ac-
tive. Once active, the device is enabled until
there is no activity on receiver inputs. The
receiver input typically sees at least ±3V,
which are generated from the transmitter
at the other end of the cable with a ±5V
minimum. When the external transmitter is
disabled or the cable is disconnected, the
receiver input will be pulled down by its
internal 5kΩ resistor to ground. When this
occurs over a period of time, the internal
transmitters will be disabled and the device
goes into a shutdown or standby mode.
When the ONLINE pin is HIGH, the
AUTO
ON-LINE® mode is disabled.
The
AUTO ON-LINE® circuit has two
stages:
) Inactive Detection
2) Accumulated Delay
The first stage, shown in Figure 22, detects
an inactive input. A logic HIGH is asserted
on R
XINACT if the cable is disconnected
or the external transmitters are disabled.
Otherwise, R
XINACT will be at a logic LOW.
This circuit is duplicated for each of the other
receivers.
The second stage of the
AUTO ON-LINE®
circuitry, shown in Figure 23, processes
the receiver's R
XINACT signal with an ac-
cumulated delay that disables the device to
a µA typical supply current. The STATUS
pin goes to a logic LOW when the cable
is disconnected, the external transmit-
ter is disabled, or the SHUTDOWN pin is
invoked. The typical accumulated delay
is around 20µs. When the
SP3223 drivers
and internal charge pump are disabled, the
supply current is reduced to µA typical.
This can commonly occur in handheld or
portable applications where the RS-232
cable is disconnected or the RS-232 drivers
of the connected peripheral are truned off.
The
AUTOON-LINE® modecanbe disabled
by the SHUTDOWN pin. If this pin is a logic
LOW, the
AUTO ON-LINE® function will not
operate regardless of the logic state of the
ONLINE pin. Table 5 summarizes the logic
of the
AUTO ON-LINE® operating modes.
Thetruthtablelogicofthe
SP3223driverand
receiver outputs can be found in Table 3.
The STATUS pin outputs a logic LOW signal
if the device is shutdown. This pin goes to
a logic HIGH when the external transmitter
is enabled and the cable is connected.
When the
SP3223 device is shutdown, the
charge pumps are turned off. V+ charge
pump output decays to V
CC,the V- output
decays to GND. The decay time will depend
on the size of capacitors used for the charge
pump. Once in shutdown, the time required
to exit the shut down state and have valid
V+ and V- levels is typically 200µs.
For easy programming, the STATUS can
be used to indicate DTR or a Ring Indicator
signal. Tying ONLINE and SHUTDOWN
together will bypass the
AUTO ON-LINE®
circuitry so this connection acts like a shut-
down input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com