Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X930A Datasheet(PDF) 13 Page - Intel Corporation

Part # X930A
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

X930A Datasheet(HTML) 13 Page - Intel Corporation

Back Button X930A Datasheet HTML 9Page - Intel Corporation X930A Datasheet HTML 10Page - Intel Corporation X930A Datasheet HTML 11Page - Intel Corporation X930A Datasheet HTML 12Page - Intel Corporation X930A Datasheet HTML 13Page - Intel Corporation X930A Datasheet HTML 14Page - Intel Corporation X930A Datasheet HTML 15Page - Intel Corporation X930A Datasheet HTML 16Page - Intel Corporation X930A Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
ADVANCE INFORMATION
9
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
T2EX
I
Timer 2 External Input. In timer 2 capture mode, a falling
edge initiates a capture of the timer 2 registers. In auto-
reload mode, a falling edge causes the timer 2 registers to
be reloaded. In the up-down counter mode, this signal
determines the count direction: 1 = up, 0 = down.
P1.1
TXD
O
Transmit Serial Data. TXD outputs the shift clock in serial
I/O mode 0 and transmits serial data in serial I/O modes 1,
2, and 3.
P3.1
V
CC
PWR
Supply Voltage. Connect this pin to the +5V supply volt-
age.
—
V
CCP
PWR
Supply Voltage for I/O buffers. Connect this pin to the
+5V supply voltage.
—
V
SS
GND
Circuit Ground. Connect this pin to ground.
—
V
SSP
GND
Circuit Ground for I/O buffers. Connect this pin to ground.
—
WAIT#
I
Real-time Wait State Input. The real-time WAIT# input is
enabled by writing a logical ‘1’ to the WCON.0 (RTWE) bit
at S:A7H. During bus cycles, the external memory system
can signal ‘system ready’ to the microcontroller in real time
by controlling the WAIT# input signal on the port 1.6 input.
P1.6/CEX3
WCLK
O
Wait Clock Output. The real-time WCLK output is driven at
port 1.7 (WCLK) by writing a logical ‘1’ to the WCON.1
(RTWCE) bit at S:A7H. When enabled, the WCLK output
produces a square wave signal with a period of T
CLK.
P1.7/CEX4/A17
WR#
O
Write. Write signal output to external memory.
P3.6
XTAL1
I
Input to the On-chip, Inverting, Oscillator Amplifier. To
use the internal oscillator, a crystal/resonator circuit is con-
nected to this pin. If an external oscillator is used, its output
is connected to this pin. XTAL1 is the clock source for inter-
nal timing.
—
XTAL2
O
Output of the On-chip, Inverting, Oscillator Amplifier. To
use the internal oscillator, a crystal/resonator circuit is con-
nected to this pin. If an external oscillator is used, leave
XTAL2 unconnected.
—
Table 5. Signal Descriptions (Continued)
Signal
Name
Type
Description
Alternate Function
† The descriptions of A15:8/P2.7:0 and AD7:0/P0.7:0 are for the nonpage-mode chip configuration. If the
chip is configured for page-mode operation, port 0 carries the lower address bits (A7:0), and port 2 car-
ries the upper address bits (A15:8) and the data (D7:0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com