Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3223EU Datasheet(PDF) 9 Page - Exar Corporation

Part # SP3223EU
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3223EU Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP3223EU Datasheet HTML 5Page - Exar Corporation SP3223EU Datasheet HTML 6Page - Exar Corporation SP3223EU Datasheet HTML 7Page - Exar Corporation SP3223EU Datasheet HTML 8Page - Exar Corporation SP3223EU Datasheet HTML 9Page - Exar Corporation SP3223EU Datasheet HTML 10Page - Exar Corporation SP3223EU Datasheet HTML 11Page - Exar Corporation SP3223EU Datasheet HTML 12Page - Exar Corporation SP3223EU Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3223E/EB/EU_0_06272
DESCRIPTION
The
SP3223 is a 2-driver/2-receiver device
ideal for portable or handheld applications.
The
SP3223 transceiversmeettheEIA/TIA-
232 and ITU-T V.28/V.24 communication
protocolsandcanbeimplementedinbattery-
powered, portable, or handheld applications
such as notebook or handheld computers.
The
SP3223 devices feature Exar's propri-
etary on-board charge pump circuitry that
generates ±5.5V RS-232 voltage levels from
a single +3.0V to +5.5V power supply.
These devices are an ideal choice for power
sensitivedesigns.FeaturingAUTOON-LINE®
circuitry,the
SP3223reducesthepowersup-
ply drain to a µA supply current. In many
portableorhandheldapplications,anRS-232
cable can be disconnected or a connected
peripheral can be turned off. Under these
conditions, the internal charge pump and
the drivers will be shut down. Otherwise, the
system automatically comes online. This
feature allows design engineers to address
powersavingconcernswithoutmajordesign
changes.
THEORY OF OPERATION
The
SP3223 series is made up of four basic
circuit blocks:
. Drivers, 2. Receivers, 3. The Exar pro-
prietary charge pump, and 4. AUTO ON-
LINE® circuitry.
Drivers
The drivers are inverting level transmitters
thatconvertTTLorCMOSlogiclevelsto5.0V
EIA/TIA-232 levels with an inverted sense
relativetotheinputlogiclevels. Typically,the
RS-232 output voltage swing is +5.4V with
no load and +5V minimum fully loaded. The
driver outputs are protected against infinite
short-circuits to ground without degrada-
tion in reliability. These drivers comply with
the EIA-TIA-232F and all previous RS-232
versions. Unused driver inputs should be
connected to GND or V
CC.
The drivers can guarantee output data
rates fully loaded with 3kΩ in parallel with
000pF, (SP3223EU, C
L= 250pF) ensuring
compatibility with PC-to-PC communication
software.
The slew rate of the driver output on the
E and EB versions is internally limited to a
maximum of 30V/µs in order to meet the EIA
standards(EIARS-232D2..7,Paragraph5).
The Slew Rate of EU version is not limited
to enable higher speed data transfers. The
transition of the loaded output from HIGH to
LOW also meets the monotonicity require-
ments of the standard.
Figure 4 shows a loopback test circuit used
to test the RS-232 Drivers. Figure 15 shows
the test results where one driver was active
at 250kbps and all drivers are loaded with
an RS-232 receiver in parallel with a 000pF
capacitor. RS-232 data transmission rate of
20kbpsto Mbps providecompatibilitywith
designs in personal computer peripherals
and LAN applications.
Figure 3. Interface Circuitry Controlled by Micropro-
cessor Supervisory Circuit
SP3223E
2
4
6
5
3
7
19
5KΩ
5KΩ
GND
C1+
C1-
C2+
C2-
V+
V-
VCC
11
12
15
10
0.1µF
+
C2
C5
C1
+
+
C3
C4
+
+
17
8
16
9
RS-232
OUTPUTS
RS-232
INPUTS
14
20
11
VCC
18
R
1OUT
R
1IN
T
1OUT
T
1IN
T
2IN
R
2IN
R
2OUT
ONLINE
SHUTDOWN
STATUS
UART
or
Serial µC
µP
Supervisor
IC
TTL/CMOS INPUTS
VCC
V
IN
RESET
0.1µF
0.1µF
0.1µF
0.1µF
T
2OUT
EN
TTL/CMOS OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com