Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C196KC Datasheet(PDF) 17 Page - Intel Corporation

Part # 80C196KC
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C196KC Datasheet(HTML) 17 Page - Intel Corporation

Back Button 80C196KC Datasheet HTML 13Page - Intel Corporation 80C196KC Datasheet HTML 14Page - Intel Corporation 80C196KC Datasheet HTML 15Page - Intel Corporation 80C196KC Datasheet HTML 16Page - Intel Corporation 80C196KC Datasheet HTML 17Page - Intel Corporation 80C196KC Datasheet HTML 18Page - Intel Corporation 80C196KC Datasheet HTML 19Page - Intel Corporation 80C196KC Datasheet HTML 20Page - Intel Corporation 80C196KC Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
8XC196KC8XC196KC20
EXTERNAL CLOCK DRIVE (8XC196KC20)
Symbol
Parameter
Min
Max
Units
1TXLXL
Oscillator Frequency
8
200
MHz
TXLXL
Oscillator Period
50
125
ns
TXHXX
High Time
17
ns
TXLXX
Low Time
17
ns
TXLXH
Rise Time
8
ns
TXHXL
Fall Time
8
ns
EXTERNAL CLOCK DRIVE WAVEFORMS
270942 – 21
EXTERNAL CRYSTAL CONNECTIONS
270942 – 41
NOTE
Keep oscillator components close to chip and use
short direct traces to XTAL1 XTAL2 and VSS When
using crystals C1 e C2
20 pF When using ceramic
resonators consult manufacturer for recommended cir-
cuitry
EXTERNAL CLOCK CONNECTIONS
270942 – 42
NOTE
Required if TTL driver used
Not needed if CMOS driver is used
AC TESTING INPUT OUTPUT WAVEFORMS
270942 – 22
AC Testing inputs are driven at 24V for a Logic ‘‘1’’ and 045V for
a Logic ‘‘0’’ Timing measurements are made at 20V for a Logic
‘‘1’’ and 08V for a Logic ‘‘0’’
FLOAT WAVEFORMS
270942 – 23
For Timing Purposes a Port Pin is no Longer Floating when a
150 mV change from Load Voltage Occurs and Begins to Float
when a 150 mV change from the Loaded VOH VOL Level occurs
IOL IOH e g15 mA
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com