Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P82C42PC Datasheet(PDF) 22 Page - Intel Corporation

Part # P82C42PC
Description  UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P82C42PC Datasheet(HTML) 22 Page - Intel Corporation

Back Button P82C42PC Datasheet HTML 17Page - Intel Corporation P82C42PC Datasheet HTML 18Page - Intel Corporation P82C42PC Datasheet HTML 19Page - Intel Corporation P82C42PC Datasheet HTML 20Page - Intel Corporation P82C42PC Datasheet HTML 21Page - Intel Corporation P82C42PC Datasheet HTML 22Page - Intel Corporation P82C42PC Datasheet HTML 23Page - Intel Corporation P82C42PC Datasheet HTML 24Page - Intel Corporation P82C42PC Datasheet HTML 25Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
UPI-C42UPI-L42
WAVEFORMS (Continued)
COMBINATION PROGRAMVERIFY MODE
290414 – 25
NOTES
1 A0 must be held low (0V) during programverify modes
2 For VIH VIH1 VIL VIL1 VDDH and VDDL please consult the DC Characteristics Table
3 When programming the 87C42 a 01 mF capacitor is required across VDD and ground to suppress spurious voltage
transients which can damage the device
VERIFY MODE
290414 – 26
NOTES
1 PROG must float if EA is low
2 PROG must float or e 5V when EA is high
3 P10–P17 e 5V or must float
4 P24–P27 e 5V or must float
5 A0 must be held low during programmingverify modes
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com