Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82C85 Datasheet(PDF) 2 Page - Intersil Corporation

Part # 82C85
Description  CMOS Static Clock Controller/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

82C85 Datasheet(HTML) 2 Page - Intersil Corporation

  82C85 Datasheet HTML 1Page - Intersil Corporation 82C85 Datasheet HTML 2Page - Intersil Corporation 82C85 Datasheet HTML 3Page - Intersil Corporation 82C85 Datasheet HTML 4Page - Intersil Corporation 82C85 Datasheet HTML 5Page - Intersil Corporation 82C85 Datasheet HTML 6Page - Intersil Corporation 82C85 Datasheet HTML 7Page - Intersil Corporation 82C85 Datasheet HTML 8Page - Intersil Corporation 82C85 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
298
Pin Descriptions
SYMBOL
DIP PIN
NUMBER
TYPE
DESCRIPTION
X1
X2
23
22
I
O
CRYSTAL CONNECTIONS: X1 and X2 are the crystal oscillator connections. The crystal frequency
must be 3 times the maximum desired processor clock frequency. X1 is the oscillator circuit input
and X2 is the output of the oscillator circuit. If the crystal inputs are not used, X1 must be tied to VCC
or GND, and X2 should be left open.
EFI
20
I
EXTERNAL FREQUENCY IN: When F/C is HIGH, CLK is generated from the EFI input signal. This
input signal should be a square wave with a frequency of three times the maximum desired CLK
output frequency. If the crystal inputs are not used. XI must be tied to VCC or GND, and X2 should
be left open.
F/C
19
I
FREQUENCY/CRYSTAL SELECT: F/C selects either the crystal oscillator or the EFI input as the
main frequency source. When F/C is LOW, the 82C85 clocks are derived from the crystal oscillator
circuit. When F/C is HIGH, CLK is generated from the EFI input. F/C cannot be dynamically
switched during normal operation.
START
11
I
A low-to-high transition on START will restart the CLK, CLK50 and PCLK outputs after the appro-
priate restart sequence is completed.
When in the crystal mode (F/C LOW) with the oscillator stopped. The oscillator will be restarted
when a Start command is received. The CLK, CLK50 and PCLK outputs will start after the oscillator
input signal (X1) reaches the Schmitt trigger input threshold and 8K internal counter reaches termi-
nal count. If F/C is HIGH (EFI mode), CLK, CLK50 and PCLK will restart within 3 EFI cycles after
START is recognized.
The 82C85 will restart in the same mode (SLO/FST) in which it stopped. A high level on START
disables the STOP mode.
SO
S1
S2/STOP
13
14
15
I
I
I
S2/STOP, S1, SO are used to stop the 82C85 clock outputs (CLK, CLK50, PCLK) and are sampled
by the rising edge of CLK, CLK50 and PCLK are stopped by S2/STOP, S1, SO being in the LHH
state on the low-to-high transition of CLK. This LHH state must follow a passive HHH state occurring
on the previous low-to-high CLK transition. CLK and CLK50 stop in the high state when F/C is low
and may stop in either the high or low state when F/C is high. PCLK stops in its current state (high
or low).
When in the crystal mode (F/C) low and a STOP command is issued, the 82C85 oscillator will stop along
with the CLK, CLK50 and PCLK outputs. When in the EFI mode, only the CLK, CLK50 and PCLK out-
puts will be halted. The oscillator circuit if operational, will continue to run. The oscillator and/or clock is
restarted by the START input signal going true (HIGH) or the reset input (RES) going low.
SLO/FST
12
I
SLO/FST is a level-triggered input. When HIGH, the CLK and CLK50 outputs run at the maximum
frequency (crystal or EFI frequency divided by 3). When LOW, CLK and CLK50 frequencies are
equal to the crystal or EFI frequency divided by 768. SLO/FST changes are internally synchronized
so proper CLK and CLK50 phase relationships are maintained and minimum pulse width specifica-
tions are met. START and STOP control of the oscillator or EFI is available in either the SLOW or
FAST frequency modes. The SLO/FST input must be held LOW for at least 195 OSC/EFI clock cy-
cles before it will be recognized. This eliminates unwanted frequency changes which could be
caused by glitches or noise transients. The SLO/FST input must be held HIGH for at least 6
OSC/EFI clock pulses to guarantee a transition to FAST mode operation.
CLK
8
O
PROCESSOR CLOCK: CLK is the clock output used by the 80C86 or 80C88 processor and other
peripheral devices. When SLO/FST is high, CLK has an output frequency which is equal to the crys-
tal or EFI input frequency divided by three. When SLO/FST is low, CLK has an output frequency
which is equal to the crystal or EFI input frequency divided by 768. CLK has a 33% duty cycle.
CLK50
10
O
50% DUTY CYCLE CLOCK: CLK50 is an auxiliary clock with a 50% duty cycle and is synchronized
to the falling edge of CLK. When SLO/FST is high, CLK50 has an output frequency which is equal
to the crystal or EFI input frequency divided by 3. When SLO/FST is low, CLK50 has an output fre-
quency equal to the crystal or EFI input frequency divided by 768.
PCLK
2
O
PERIPHERAL CLOCK: PCLK is a peripheral clock signal whose output frequency is equal to the
crystal or EFI input frequency divided by 6 and has a 50% duty cycle. PCLK frequency is unaffected
by the state of the SLO/FST input.
OSC
18
O
OSCILLATOR OUTPUT: OSC is the output of the internal oscillator circuitry. Its frequency is equal
to that of the crystal oscillator circuit. OSC is unaffected by the state of the SLO/FST input.
When the 82C85 is in the crystal mode (F/C low) and a STOP command is issued, the OSC output
will stop in the HIGH state. When the 82C85 is in the EFI mode (F/C HIGH, the oscillator (if
operational) will continue to run when a STOP command is issued and OSC remains active.
82C85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com