Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS82C37A Datasheet(PDF) 21 Page - Intersil Corporation

Part # CS82C37A
Description  CMOS High Performance Programmable DMA Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C37A Datasheet(HTML) 21 Page - Intersil Corporation

Back Button CS82C37A Datasheet HTML 15Page - Intersil Corporation CS82C37A Datasheet HTML 16Page - Intersil Corporation CS82C37A Datasheet HTML 17Page - Intersil Corporation CS82C37A Datasheet HTML 18Page - Intersil Corporation CS82C37A Datasheet HTML 19Page - Intersil Corporation CS82C37A Datasheet HTML 20Page - Intersil Corporation CS82C37A Datasheet HTML 21Page - Intersil Corporation CS82C37A Datasheet HTML 22Page - Intersil Corporation CS82C37A Datasheet HTML 23Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
4-212
82C37A
AC Test Circuits
AC Testing Input, Output Waveforms
FIGURE 13. COMPRESSED TRANSFER
FIGURE 14. RESET
Timing Waveforms (Continued)
CLK
S4
S2
(10)
TASM
(15)
TDCL
TRLRHC
(40)
TDCTR
(16)
TDCL
(15)
(10)
TASM
TDCTR
(16)
TDCTW
(17)
TRH (31)
TRS (32)
S2
S4
TRS (32)
TRH (31)
TDCTW
(17)
A0-A7
READ
WRITE
READY
VALID
VALID
(48) TRSTD
(50) TRSTW
(49) TRSTS
IOR OR IOW
RESET
VCC
TEST CONDITION DEFINITION TABLE
PINS
V1
R1
C1
All Outputs Except EOP
1.7V
520
Ω
100pF
EOP
VCC
1.6k
Ω
50pF
TEST POINT
R1
V1
C1 (NOTE)
OUTPUT FROM
DEVICE UNDER
TEST
NOTE:
Includes STRAY and FIXTURE Capacitance
NOTE:
AC Testing: All AC Parameters tested as per test circuits.
Input RISE and FALL times are driven at Ins/V. CLK input
must switch between VIHC +0.4V and VILC -0.4V
VOH
VO -0.45
0.45
VOL
OUTPUT
L OR H
→ Z
VOH
2.0V
0.8V
VOL
INPUT
Z
→ L OR H
VIH + 0.4V
VIL - 0.4V
1.5V
1.5V
VOH
VOL
OUTPUT
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com