Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS82C88 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CS82C88
Description  CMOS Bus Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C88 Datasheet(HTML) 1 Page - Intersil Corporation

  CS82C88 Datasheet HTML 1Page - Intersil Corporation CS82C88 Datasheet HTML 2Page - Intersil Corporation CS82C88 Datasheet HTML 3Page - Intersil Corporation CS82C88 Datasheet HTML 4Page - Intersil Corporation CS82C88 Datasheet HTML 5Page - Intersil Corporation CS82C88 Datasheet HTML 6Page - Intersil Corporation CS82C88 Datasheet HTML 7Page - Intersil Corporation CS82C88 Datasheet HTML 8Page - Intersil Corporation CS82C88 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-333
March 1997
82C88
CMOS Bus Controller
Features
• Compatible with Bipolar 8288
• Performance Compatible with:
- 80C86/80C88 . . . . . . . . . . . . . . . . . . . . . . . . . .(5/8MHz)
- 80186/80188 . . . . . . . . . . . . . . . . . . . . . . . . . .(6/8MHz)
- 8086/8088 . . . . . . . . . . . . . . . . . . . . . . . . . . . .(5/8MHz)
- 8089
• Provides Advanced Commands for Multi-Master
Busses
• Three-State Command Outputs
• Bipolar Drive Capability
• Scaled SAJI IV CMOS Process
• Single 5V Power Supply
• Low Power Operation
- ICCSB . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
µA (Max)
- ICCOP . . . . . . . . . . . . . . . . . . . . . . . . .1mA/MHz (Max)
• Operating Temperature Ranges
- C82C88 . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to +70oC
- I82C88 . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
- M82C88 . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Description
The Intersil 82C88 is a high performance CMOS Bus Con-
troller manufactured using a self-aligned silicon gate CMOS
process (Scaled SAJI IV). The 82C88 provides the control
and command timing signals for 80C86, 80C88, 8086, 8088,
8089, 80186, and 80188 based systems. The high output
drive capability of the 82C88 eliminates the need for addi-
tional bus drivers.
Static CMOS circuit design insures low operating power. The
Intersil advanced SAJI process results in performance equal
to or greater than existing equivalent products at a significant
power savings.
Pinouts
20 LEAD PDIP, CERDIP
TOP VIEW
20 LEAD PLCC, CLCC
TOP VIEW
Ordering Information
PART NUMBER
PACKAGE
TEMPERATURE
RANGE
PKG.
NO.
CP82C88
20 Ld PDIP
0oC to +70oC
E20.3
CP82C88-10
0oC to +70oC
E20.3
IP82C88
-40oC to +85oC
E20.3
CS82C88
20 Ld
PLCC
0oC to +70oC
N20.35
IS82C88
-40oC to +85oC
N20.35
CD82C88
20 Ld
CERDIP
0oC to +70oC
F20.3
ID82C88
-40oC to +85oC
F20.3
MD82C88/B
-55oC to +125oC
F20.3
8406901RA
SMD#
F20.3
MR82C88/B
20 Pad
CLCC
-55oC to +125oC
J20.A
84069012A
SMD#
J20.A
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
IOB
CLK
ALE
GND
DT/ R
AEN
MRDC
AMWC
MWTC
S1
VCC
MCE/PDEN
DEN
CEN
IORC
AIOWC
IOWC
INTA
S0
S2
4
5
6
7
8
910
11
12
13
321
20
19
15
14
18
17
16
ALE
DT/ R
AEN
MRDC
AMWC
DEN
CEN
MCE/PDEN
INTA
S2
File Number
2979.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CS82C88

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CS82C88 INTERSIL-CS82C88 Datasheet
252Kb / 11P
CMOS Bus Controller
August 25, 2005
logo
Renesas Technology Corp
CS82C88 RENESAS-CS82C88 Datasheet
612Kb / 12P
CMOS Bus Controller
More results

Similar Description - CS82C88

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C88-2RS OKI-MSM82C88-2RS Datasheet
667Kb / 10P
BUS CONTROLLER
logo
Mitel Networks Corporat...
MT8952B-1 MITEL-MT8952B-1 Datasheet
170Kb / 27P
ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952B MITEL-MT8952B Datasheet
397Kb / 22P
ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT9079 MITEL-MT9079 Datasheet
567Kb / 54P
CMOS ST-BUS??FAMILY Advanced Controller for E1
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
System Bus Controller
logo
Advanced Micro Devices
AMD-766 AMD-AMD-766 Datasheet
568Kb / 96P
Peripheral Bus Controller
logo
Intersil Corporation
82C88 INTERSIL-82C88_05 Datasheet
252Kb / 11P
CMOS Bus Controller
August 25, 2005
logo
Renesas Technology Corp
M66011FP RENESAS-M66011FP Datasheet
2Mb / 13P
SERIAL BUS CONTROLLER
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
SCSI Bus Controller
logo
Renesas Technology Corp
82C88 RENESAS-82C88 Datasheet
612Kb / 12P
CMOS Bus Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com