| Electronic Components Datasheet Search |
|
CS82C89 Datasheet(PDF) 13 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
CS82C89 Datasheet(HTML) 13 Page - Intersil Corporation |
|
13 / 15 page ![]() 4-355 Timing Waveform NOTES: 1. LOCK active can occur during any state, as long as the relationships shown above with respect to the CLK are maintained. LOCK inactive has no critical time and can be asynchronous. CRQLCK has no critical timing and is considered an asynchronous input signal. 2. Glitching of SYSB/RESB is permitted during this time. After θ2 of T1, and before θ1 of T4, SYSB/RESB should be stable to maintain sys- tem efficiency. 3. AEN leading edge is related to BCLK, trailing edge to CLK. The trailing edge of AEN occurs after bus priority is lost. ADDITIONAL NOTES: The signals related to CLK are typical processor signals, and do not relate to the depicted sequence of events of the signals referenced to BCLK. The signals shown related to the BCLK represent a hypothetical sequence of events for illustration. Assume 3 bus arbiters of priori- ties 1, 2 and 3 configured in serial priority resolving scheme (as shown in Figure 3). Assume arbiter 1 has the bus and is holding BUSY low. Arbiter #2 detects its processor wants the bus and pulls low BREQ #2. If BPRN #2 is high (as shown), arbiter #2 will pull low CBRQ line. CBRQ signals to the higher priority arbiter #1 that a lower priority arbiter wants the bus. [A higher priority arbiter would be granted BPRN when it makes the bus request rather than having to wait for another arbiter to release the bus through CBRQ]. *Arbiter #1 will relinquish the multi-master system bus when it enters a state not requiring it (see Table 1), by lowering its BPRO #1 (tied to BPRN #2) and releasing BUSY. Arbiter #2 now sees that is has priority from BPRN #2 being low and releases CBRQ. As soon as BUSY signifies the bus is available (high), arbiter #2 pulls BUSY low on next falling edge of BCLK. Note that if arbiter #2 didn’t want the bus at the time it received priority, it would pass priority to the next lower priority arbiter by lowering its BPRO #2 [TPNPO]. Note that even a higher priority arbiter which is acquiring the bus through BPRN will momentarily drop CBRQ until it has acquired the bus. STATE CLK S2, S1, S0 LOCK (SEE NOTE 1) SYSB/RESB AEN (SEE NOTE 3) PROCESSOR CLK RELATED BUS CLK RELATED BCLK BREQ #2 BPRN #2 (BPRO #1) BPRO #2 (BPRN #3) BUSY CBRQ (20) TPnPO (14) TPNBL (22) TBLBYH (11) TBHCL (24) TBLAEL (13) TCLL2 (12) TCLLL1 (6) THVCH (4) TSVCH (7) THVCL (2) TCLCH (16) TCLSR2 (SEE NOTE 2) (23) TCLAEH (10) TBLBL TBYSBL (8) TCBSBL (9) (26) TBLCBH TCLSR1 (15) (SEE NOTE 2) TSHCL (5) (25) TBLCBL (18) TBLBRL T4 T1 T2 T3 T4 TCLCL (1) (3) TCHCL TBLPOH (19) TBLBYL (21) 82C89 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |