Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS10MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACS10MS
Description  Radiation Hardened Triple Three-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS10MS Datasheet(HTML) 1 Page - Intersil Corporation

  ACS10MS Datasheet HTML 1Page - Intersil Corporation ACS10MS Datasheet HTML 2Page - Intersil Corporation ACS10MS Datasheet HTML 3Page - Intersil Corporation ACS10MS Datasheet HTML 4Page - Intersil Corporation ACS10MS Datasheet HTML 5Page - Intersil Corporation ACS10MS Datasheet HTML 6Page - Intersil Corporation ACS10MS Datasheet HTML 7Page - Intersil Corporation ACS10MS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
ACS10MS
Radiation Hardened
Triple Three-Input NAND Gate
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE
MIL-STD-1835 DESIGNATOR CDIP2-T14, LEAD FINISH C
TOP VIEW
14 LEAD CERAMIC FLATPACK
MIL-STD-1835 DESIGNATOR CDFP3-F14, LEAD FINISH C
TOP VIEW
A1
B1
A2
B2
C2
Y2
GND
VCC
C1
Y1
C3
B3
A3
Y3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
B1
A2
B2
C2
Y2
GND
VCC
C1
Y1
C3
B3
A3
Y3
Features
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose 300K RAD (Si)
• Single Event Upset (SEU) Immunity
<1 x 10-10 Errors/Bit-Day (Typ)
• SEU LET Threshold >80 MEV-cm2/mg
• Dose Rate Upset >1011 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current
≤1µA at VOL, VOH
Description
The Intersil ACS10MS is a radiation hardened triple three-input
NAND gate. A high on all inputs forces the output to a low state.
The ACS10MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of the
radiation hardened, high-speed, CMOS/SOS Logic Family.
April 1995
Truth Table
INPUTS
OUTPUT
An
Bn
Cn
Yn
LLL
H
LL
H
H
LHL
H
LH
H
H
HL
L
H
HLH
H
HH
L
H
HHH
L
NOTE: L = Logic Level Low, H = Logic Level High
Functional Diagram
An
Bn
Yn
(6, 8, 12)
(1, 3, 9)
(2, 4, 10)
(5, 11, 13)
Cn
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
ACS10DMSR
-55oC to +125oC
Intersil Class S Equivalent
14 Lead SBDIP
ACS10KMSR
-55oC to +125oC
Intersil Class S Equivalent
14 Lead Ceramic Flatpack
ACS10D/Sample
+25oC
Sample
14 Lead SBDIP
ACS10K/Sample
+25oC
Sample
14 Lead Ceramic Flatpack
ACS10HMSR
+25oC
Die
Die
Spec Number
518814
File Number
3630


Similar Part No. - ACS10MS

ManufacturerPart #DatasheetDescription
logo
AEROTECH US. ALL RIGHTS...
ACS100-135 AEROTECH-ACS100-135 Datasheet
1Mb / 9P
Mechanical-Bearing Direct-Drive Rotary Stage
ACS100-85 AEROTECH-ACS100-85 Datasheet
1Mb / 9P
Mechanical-Bearing Direct-Drive Rotary Stage
ACS100LP AEROTECH-ACS100LP Datasheet
724Kb / 7P
Direct-Drive Rotary Collet Stage
logo
Semtech Corporation
ACS101A SEMTECH-ACS101A Datasheet
122Kb / 12P
Acapella Optical Modem IC
logo
STMicroelectronics
ACS102 STMICROELECTRONICS-ACS102 Datasheet
97Kb / 8P
AC LINE SWITCH
Oct-2001
More results

Similar Description - ACS10MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
Radiation Hardened 8-Input NAND Gate
July 1999
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS10MS INTERSIL-ACTS10MS Datasheet
112Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCTS10MS INTERSIL-HCTS10MS Datasheet
147Kb / 9P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
Radiation Hardened 8-Input NAND Gate
August 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS10MS RENESAS-HCS10MS Datasheet
389Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCTS00MS RENESAS-HCTS00MS Datasheet
640Kb / 8P
Radiation Hardened Quad2-Input NAND Gate
August 1995
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
Radiation Hardened 8-Input NAND Gate
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com